Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3080EMS8E-1-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3080EMS8E-1-PBF
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EMS8E-1-PBF Datasheet(HTML) 2 Page - Linear Technology

  LT3080EMS8E-1-PBF Datasheet HTML 1Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 2Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 3Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 4Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 5Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 6Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 7Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 8Page - Linear Technology LT3080EMS8E-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3080-1
2
30801fa
VCONTROL Pin Voltage.....................................40V, –0.3V
IN Pin Voltage ................................................40V, –0.3V
SET Pin Current (Note 7) .....................................±10mA
SET Pin Voltage (Relative to OUT) .........................±0.3V
Output Short-Circuit Duration .......................... Indefinite
(Note 1) All Voltages Relative to VOUT
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
OUT
OUT
SET
IN
IN
NC
VCONTROL
TJMAX = 125°C, θJA = 64°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO PCB
1
2
3
4
OUT
OUT
OUT
SET
8
7
6
5
IN
IN
NC
VCONTROL
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
9
TJMAX = 125°C, θJA = 60°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO PCB
Operating Junction Temperature Range
(Notes 2, 10)......................................–40°C to 125°C
Storage Temperature Range:..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS8E Package Only.......................................... 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3080EDD-1#PBF
LT3080EDD-1#TRPBF
LDPM
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3080EMS8E-1#PBF
LT3080EMS8E-1#TRPBF
LTDPN
8-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3080EDD-1
LT3080EDD-1#TR
LDPM
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3080EMS8E-1
LT3080EMS8E-1#TR
LTDPN
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - LT3080EMS8E-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080EMS8E-PBF LINER-LT3080EMS8E-PBF Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EMS8E-TR LINER-LT3080EMS8E-TR Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EMS8E-TRPBF LINER-LT3080EMS8E-TRPBF Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080EMS8E-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com