Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3080EDD-1-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3080EDD-1-TRPBF
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EDD-1-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3080EDD-1-TRPBF Datasheet HTML 4Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 5Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 6Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 7Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 8Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 9Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 10Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 11Page - Linear Technology LT3080EDD-1-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3080-1
8
30801fa
APPLICATIONS INFORMATION
The LT3080-1 regulator is easy to use and has all the
protection features expected in high performance
regulators. Included are short-circuit protection and safe
operating area protection, as well as thermal shutdown.
The LT3080-1 is especially well suited to applications
needing multiple rails. The new architecture adjusts down
to zero with a single resistor handling modern low voltage
digital IC’s as well as allowing easy parallel operation and
thermal management without heat sinks. Adjusting to
“zero” output allows shutting off the powered circuitry
and when the input is pre-regulated—such as a 5V or
3.3V input supply—external resistors can help spread
the heat.
Aprecision“0”TC10μAinternalcurrentsourceisconnected
to the non-inverting input of a power operational amplifier.
The power operational amplifier provides a low impedance
buffered output to the voltage on the non-inverting input.
A single resistor from the non-inverting input to ground
sets the output voltage and if this resistor is set to zero,
zero output results. As can be seen, any output voltage
can be obtained from zero up to the maximum defined by
the input power supply.
Whatisnotsoobviousfromthisarchitecturearethebenefits
of using a true internal current source as the reference as
opposed to a bootstrapped reference in older regulators.
A true current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. Older adjustable regulators, such as the
LT1086 have a change in loop gain with output voltage
as well as bandwidth changes when the adjustment pin
is bypassed to ground. For the LT3080-1, the loop gain is
unchanged by changing the output voltage or bypassing.
Output regulation is not fixed at a percentage of the output
voltage but is a fixed fraction of millivolts. Use of a true
current source allows all the gain in the buffer amplifier
to provide regulation and none of that gain is needed to
amplify up the reference to a higher output voltage.
The LT3080-1 also incorporates an internal ballast resistor
to allow for direct paralleling of devices without the need for
PC board trace resistors or sense resistors. This internal
ballast resistor allows multiple devices to be paralleled
directly on a surface mount board for higher output current
and higher power dissipation while keeping board layout
simple and easy. It is not difficult to add more regulators
for higher output current; inputs of devices are all tied
together, outputs of all devices are tied directly together, and
SET pins of all devices are tied directly together. Because
of the internal ballast resistor, devices automatically share
the load and the power dissipation.
The LT3080-1 has the collector of the output transistor
connected to a separate pin from the control input. Since
the dropout on the collector (IN pin) is only 300mV, two
supplies can be used to power the LT3080-1 to reduce
+
VCONTROL
IN
10μA
25mΩ
30801 BD
OUT
SET
BLOCK DIAGRAM


Similar Part No. - LT3080EDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080EDD-PBF LINER-LT3080EDD-PBF Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EDD-TR LINER-LT3080EDD-TR Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
LT3080EDD-TRPBF LINER-LT3080EDD-TRPBF Datasheet
289Kb / 26P
   Adjustable1.1A Single Resistor Low Dropout Regulator
More results

Similar Description - LT3080EDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com