Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800E-2TL7 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 800E-2TL7
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800E-2TL7 Datasheet(HTML) 6 Page - Allen-Bradley

  800E-2TL7 Datasheet HTML 1Page - Allen-Bradley 800E-2TL7 Datasheet HTML 2Page - Allen-Bradley 800E-2TL7 Datasheet HTML 3Page - Allen-Bradley 800E-2TL7 Datasheet HTML 4Page - Allen-Bradley 800E-2TL7 Datasheet HTML 5Page - Allen-Bradley 800E-2TL7 Datasheet HTML 6Page - Allen-Bradley 800E-2TL7 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Emergency Stop Devices
6-19
Push Buttons
800 E-Stops
Product Selection—30.5mm
2-Position Red Illuminated, Push-Pull and Push-Pull/Twist Release Units
Note: A jumbo or large legend plate is recommended if space allows.
Note: Emergency stop push buttons are compliant with EN-418 and IEC 60947-5-5 Standards when using N.C.L.B. contact blocks.
➊ Normally closed late break contact. When button is pushed from the OUT to IN position, the mechanical detent action of the operator occurs before electrical contacts
change state. When the button is pulled from the IN to the OUT position, the electrical contacts change state before the mechanical detent occurs.
➋ Consult your local Allen-Bradley sales office for availability of illuminated E-Stops with Self Monitoring Contact Blocks (S.M.C.B.s).
Operator Position
Type
Lamp
Volts
Enclosure
Protection
Release
Catalogue Number
Contacts
Maintained
Out
Maintained
In
N.O.
N.C.L.B.➊➋
Open
Closed
Closed
Open
Full
Voltage
Incan-descent
120
AC/DC
Type 4 & 13
Push-Pull
800T-FXQ10RA1
Push-Pull/
Twist
800T-FXTQ10RA1
Type 4, 4X &
13
800H-FRXTQ10RA1
24
AC/DC
Type 4 & 13
Push-Pull
800T-FXQ24RA1
Push-Pull/
Twist
800T-FXTQ24RA1
Type 4, 4X &
13
800H-FRXTQ24RA1
LED
120 AC
Type 4 & 13
Push-Pull
800T-FXQH10RA1
Push-Pull/
Twist
800T-FXTQH10RA1
Type 4, 4X &
13
800H-FRXTQH10RA1
24
AC/DC
Type 4 & 13
Push-Pull
800T-FXQH24RA1
Push-Pull/
Twist
800T-FXTQH24RA1
Type 4, 4X &
13
800H-FRXTQH24RA1
Trans-
former
Incan-descent
120
AC
Type 4 & 13
Push-Pull
800T-FXP16RA1
Push-Pull/
Twist
800T-FXTP16RA1
Type 4, 4X &
13
800H-FRXTP16RA1
240
AC
Type 4 & 13
Push-Pull
800T-FXP26RA1
800T-FXTP26RA1
Type 4, 4X &
13
Push-Pull/
Twist
800H-FRXTP26RA1
LED
120 AC
Type 4 & 13
Push-Pull
800T-FXPH16RA1
800T-FXTPH16RA1
Type 4, 4X &
13
Push-Pull/
Twist
800H-FRXTPH16RA1
240
AC
Type 4 & 13
Push-Pull
800T-FXPH26RA1
800T-FXTPH26RA1
Type 4, 4X &
13
Push-Pull/
Twist
800H-FRXTPH26RA1
Illuminated 2-Position Push-Pull
Illuminated 2-Position Push-Pull/Twist


Similar Part No. - 800E-2TL7

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800E-N157A ALLEN-BRADLEY-800E-N157A Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
800E-N157R ALLEN-BRADLEY-800E-N157R Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
800E-N169A ALLEN-BRADLEY-800E-N169A Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
800E-N169R ALLEN-BRADLEY-800E-N169R Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
More results

Similar Description - 800E-2TL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com