Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440T-MDSLE11 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-MDSLE11
Description  Slamlock Mechanical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MDSLE11 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-MDSLE11 Datasheet HTML 1Page - Allen-Bradley 440T-MDSLE11 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-24
Prosafe Trapped Key Interlock Switches
Slamlock Mechanical
Description
The Prosafe Slamlock combines the features of trapped keys with
tongue actuated interlocks. When the actuator is inserted into the
interlock (guard closed), the trapped key can be rotated and
removed. With the key free, the actuator can not be removed thus
locking closed the guard door. The trapped key must be re-inserted
and rotated 90° to unlock the guard.
Slamlocks are manufactured in 316L stainless steel to provide a
rugged, industrial grade method of interlocking guard doors.
One advantage of the slamlock is that there is no need to run power
wires to the gate. Power is disconnected by a trapped key on a
control panel or by a Prosafe RKS type unit and the key is then
hand-carried to the gate by the operator.
The single key Slamlock (SSL) is used to interlock hatches, guards
and doors where full body access is not required.
Dual key Slamlock (DSL) is similar to the single key version but has
a secondary key to allow ‘2 key in’ or ‘key exchange’ conditions. The
key exchange version may be used where whole body access is
required, as the secondary key can be used as a personnel key.
Features
• 316L stainless steel construction
• Selection of actuator types available
• Single or dual key versions available
• Direct drive operation
• Replaceable code barrel assembly
• Fitted with tamper resistant screws
• Weatherproof stainless steel dust cap as standard
• Conforms to EN 292, EN 1088, GS ET 19
The Prosafe Advantage
Single
Dual
Stainless steel
construction.
Specifications
Standards
EN292-1&2, EN1088, IEC/EN60947-5-
1, GS-ET-19, ISO12100-1&2,
ISO14119, AS4024.1
Category
Cat. 1 per EN 954-1 (ISO 13849-1)
Suitable for Cat. 2, 3, or 4 systems
Approvals
BG, CE marked for all applicable
directives, and C-Tick not required
Operating Temperature
-40°C to +200°C (-40°F to +392°F)
Mechanical Operations
In excess of 105 operations under
normal working conditions.
Max Shear Force to Key
15.1kN (3398lbs)
Max Torque to Key
14Nm (124lb•in)
Humidity
95% RH
Weight
Single key version
Dual key version
760gm (0.76kg (1.68lbs))
1332gm (1.33kg (2.93lbs))
Code Barrels
Tested to 100,000 operations
Ambient Working Temp
-10°C to +50°C (14°F to +122°F)
Material
316L Stainless Steel
Mounting
SSL
DSS
2 x M5 Counterbored from Top or
2 x M5 from Underside with Nuts
4 x M5 Counterbored from Top or
4 x M5 from Underside with Nuts
Max Holding Force
2000N (450lbs)


Similar Part No. - 440T-MDSLE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MDSSE10 ALLEN-BRADLEY-440T-MDSSE10 Datasheet
142Kb / 4P
   Slamlock Electrical
440T-MDSSE11 ALLEN-BRADLEY-440T-MDSSE11 Datasheet
142Kb / 4P
   Slamlock Electrical
440T-MDSSE12 ALLEN-BRADLEY-440T-MDSSE12 Datasheet
142Kb / 4P
   Slamlock Electrical
440T-MDSSE20 ALLEN-BRADLEY-440T-MDSSE20 Datasheet
142Kb / 4P
   Slamlock Electrical
440T-MDSSE22 ALLEN-BRADLEY-440T-MDSSE22 Datasheet
142Kb / 4P
   Slamlock Electrical
More results

Similar Description - 440T-MDSLE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSSSE10 ALLEN-BRADLEY-440T-MSSSE10 Datasheet
142Kb / 4P
   Slamlock Electrical
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
   MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
   MECHANICAL DATA
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
   MECHANICAL DATA
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
   MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
   MECHANICAL DATA
logo
List of Unclassifed Man...
KA1080-2 ETC2-KA1080-2 Datasheet
1Mb / 8P
   Mechanical accessories
logo
Delta Electronics, Inc.
HCB1175-121 DELTA-HCB1175-121 Datasheet
55Kb / 1P
   Mechanical dimensions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com