Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3431 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3431
Description  High Voltage, 3A,500kHz Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3431 Datasheet(HTML) 2 Page - Linear Technology

  LT3431 Datasheet HTML 1Page - Linear Technology LT3431 Datasheet HTML 2Page - Linear Technology LT3431 Datasheet HTML 3Page - Linear Technology LT3431 Datasheet HTML 4Page - Linear Technology LT3431 Datasheet HTML 5Page - Linear Technology LT3431 Datasheet HTML 6Page - Linear Technology LT3431 Datasheet HTML 7Page - Linear Technology LT3431 Datasheet HTML 8Page - Linear Technology LT3431 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT3431
sn3431 3431fs
(Note 1)
Input Voltage (VIN) ................................................. 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC Voltage ........................................................... 7V
SHDN Voltage ........................................................... 6V
BIAS Pin Voltage .................................................... 30V
FB Pin Voltage/Current .................................. 3.5V/2mA
Operating Junction Temperature Range
LT3431EFE (Notes 8, 10) ................. – 40
°C to 125°C
LT3431IFE (Notes 8, 10) ................. – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT3431EFE
LT3431IFE
FE PART MARKING
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF)
5.5V
≤ VIN ≤ 60V
1.204
1.219
1.234
V
VOL + 0.2 ≤ VC ≤ VOH – 0.2
q
1.195
1.243
V
FB Input Bias Current
q
–0.2
–1.5
µA
Error Amp Voltage Gain
(Note 2)
200
475
V/V
Error Amp gm
dl (VC) = ±10µA
1650
2200
3300
µMho
q
1000
4200
µMho
VC to Switch gm
3.4
A/V
EA Source Current
FB = 1V or VSENSE = 4.1V
q
125
275
450
µA
EA Sink Current
FB = 1.4V or VSENSE = 5.7V
q
100
275
500
µA
VC Switching Threshold
Duty Cycle = 0
0.8
V
VC High Clamp
SHDN = 1V
2.1
V
Switch Current Limit
VC Open, BOOST = VIN + 5V, FB = 1V or VSENSE = 4.1V
–40
°C ≤ Tj ≤ 25°C
3.0
5
6.5
A
(Note 9)
Tj = 125
°C
2.5
4
5.5
A
Switch On Resistance
ISW = 2.5A, BOOST = VIN + 5V (Note 7)
0.1
0.14
q
0.18
Maximum Switch Duty Cycle
FB = 1V or VSENSE = 4.1V
88
92
%
q
80
%
Switch Frequency
VC Set to Give DC = 50%
460
500
540
kHz
q
430
500
570
kHz
fSW Line Regulation
5.5V
≤ VIN ≤ 60V
q
0.05
0.15
%/V
fSW Shifting Threshold
Df = 10kHz
0.8
V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/ W, θJC (PAD) = 10°C/W
EXPOSED PAD MUST BE SOLDERED
TO GROUND PLANE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
VIN
VIN
SW
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB
VC
BIAS
GND
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3431EFE
3431IFE


Similar Part No. - LT3431

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3431 LINER-LT3431 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3431 LINER-LT3431 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3431 LINER-LT3431 Datasheet
287Kb / 28P
   Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
More results

Similar Description - LT3431

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
   30V 3A 500KHz Synchronous Step-Down Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com