Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800T-FX6D4 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 800T-FX6D4
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800T-FX6D4 Datasheet(HTML) 4 Page - Allen-Bradley

  800T-FX6D4 Datasheet HTML 1Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 2Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 3Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 4Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 5Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 6Page - Allen-Bradley 800T-FX6D4 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-17
Emergency Stop Devices
Push Buttons
800 E-Stops !
Specifications—30.5mm
Standard Contact Ratings
Maximum thermal continuous current I
th 10A AC/2.5A DC.
Bulletin 800T units with 800T-XA contacts have ratings as follows:
! Performance Data: see publication A113, page Important-2.
➋ Operating temperatures below freezing are based on the absence of moisture
and liquids.
➌ For applications below 24V/24mA, PenTUFF contacts are recommended.
Electrical Ratings
Dielectric strength
2200V for one minute
Electrical design life cycles
1,000,000 at max. rated load
Mechanical Ratings
Vibration
10 to 2000Hz 1.52mm displacement
(peak-to-peak) max./10g max. (except
Logic Reed)
Shock
1/2 cycle sine wave for 11ms
≥25g
(contact fragility) and no damage at 100g
Degree of protection
Type 1, 4, 4X, 12, 13; watertight/oiltight
IEC 529 IP66/65
Mechanical design life
cycles
(Push-pull/twist-to-release)
250,000 min.
Contact operation
Shallow, mini, and low voltage contact
blocks: Slow, double make and break.
Typical operating forces
2-position push-pull
7.5lbs max. push or pull
Environment
Temperature range
Operating
Storage
-40°C to +55°C (-40°F to +131°F)
-40°C to +85°C (-40°F to +185°F)
Max.
Opertnl.
Volts Ue
Utilization
Category
Rated Operational Currents
IEC
NEMA
Volts Ue
Make
Break
AC 600
AC-15
A600
120 to 600
7200VA
720VA
72 to 120
60A
720VA
24 to 72
60A
10A
DC 600
DC-13
Q600
28 to 600
69VA
2.5A
24 to 28 ➌


Similar Part No. - 800T-FX6D4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
Make-Ps
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 800T-FX6D4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com