Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440T-ASCBE14 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-ASCBE14
Description  Slamlock Electrical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-ASCBE14 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-ASCBE14 Datasheet HTML 1Page - Allen-Bradley 440T-ASCBE14 Datasheet HTML 2Page - Allen-Bradley 440T-ASCBE14 Datasheet HTML 3Page - Allen-Bradley 440T-ASCBE14 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-26
Prosafe Trapped Key Interlock Switches
Slamlock Electrical
Description
The Prosafe Slamlock with electrical isolation combines the features
of trapped key tongue actuated interlocks while also providing sets
of electrical safety and auxiliary contacts. When the actuator is
inserted into the lock and the key is removed the actuator is trapped
in the unit thus locking closed the guard door. In this state the safety
contacts are closed and the auxiliary contacts are open. To open the
guard door the key must be inserted and rotated 90°, opening the
safety contacts, closing the auxiliary contacts and enabling the
actuator to be released thus unlocking the guard door. While the
guard door is open the key is trapped in the unit.
Slamlocks with electrical isolation offer the features of electrical
safety interlock switches with the benefits of a trapped key/enforced
sequence systems. They allow a combination of both approaches for
safeguarding machinery and processes to be used.
The single key Slamlock (SSS) is used to interlock hatches, guards
and doors where full body access is not required. The single key
locks the actuator and operates the switch in the same action.
Dual key Slamlock (DSS) is similar to the single key version but has a
secondary key to allow ‘2 key in’ or ‘key exchange’ conditions. The
key exchange version may be used where whole body access is
required, as the secondary key can be used as a personnel key.
Features
• Electrical safety contacts combined with trapped key/enforced
sequence feature
• Most of unit constructed from 316L stainless steel
• Selection of actuator types available
• Single or dual key versions available
• Direct drive operation
• Replaceable code barrel assembly
• Weatherproof stainless steel dust cap as standard
The Prosafe Advantage
Single
Dual
Stainless steel
construction.
Specifications
Note: The safety contacts of the Guardmaster switches are described as normally
closed (N/C), i.e. with the guard closed, actuator in place (where relevant)
and the machine able to be started.
Standards
EN292-1&2, EN1088, IEC/EN60947-5-1,
GS-ET-19, ISO12100-1&2, ISO14119,
AS4024.1
Category
Cat. 1 per EN 954-1 (ISO 13849-1)
Suitable for Cat. 2, 3, or 4 systems
Approvals
BG, CE marked for all applicable
directives, and C-Tick not required
Safety Contact
2 N.C. positive break
Utilization Category
AC (Ue)
(le)
DC
AC 15
500V 250V 100V
1A 2A 5A
250V 0.5A, 24V 2A
Max. Switched Current/
Voltage/Load
500V/500V A
Thermal Current (lth)
10A
Minimum Current
5V 5mA DC
Safety Contact Gap
>2 x 2mm (0.07in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse Withstand Volt.
(Uimp) 2500V
Auxiliary Contacts
1 N.O.
Pollution Degree
3
Actuator Travel-Pos.
Opening
5mm (0.19in)
Minimum Operating Radius
175mm (6.88in) (60mm (2.36in) with
flexible actuator)
Break Contact Min. Force
12N (2.7lbs)
Max. Actuation Speed
1m/s
Max. Actuation Frequency
2 cycle/s
Case Material
UL approved glass-filled polyester &
316L Stainless Steel
Actuator Material
Stainless steel
Contact Protection
IP67
Conduit Entry
3 x M20
Operating Temperature
-20°C to +80°C (-4°F to 176°F)
Humidity
95% RH
Mounting
SSS
DSS
4 x M5 Counterbored from Top or
4 x M5 from Underside with Nuts
6 x M5 Counterbored from Top or
6 x M5 from Underside with Nuts
Mechanical Life
100,000
Electrical Life
1,000,000
Weight
(SSSE)
(DSSE)
1160g (2.6lbs)
1700g (3.7lbs)
Colour
Red/Stainless
Max. Holding Force
2000N (450lbs)
Max. Releasable Load
100N (22.5lbs)
Max. Shear Force for Keys
15.1KN (3398lbs)
Max. Torque to Key
14Nm (124lb•in)


Similar Part No. - 440T-ASCBE14

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-ASCBE14 ALLEN-BRADLEY-440T-ASCBE14 Datasheet
89Kb / 1P
   Valve Lock, 3 Port Spool
440T-ASCBE14 ALLEN-BRADLEY-440T-ASCBE14 Datasheet
56Kb / 1P
   Miniature Valve Interlocks
440T-ASCBE14 ALLEN-BRADLEY-440T-ASCBE14 Datasheet
110Kb / 2P
   Electronic Timed-Delay Units
440T-ASCBE14 ALLEN-BRADLEY-440T-ASCBE14 Datasheet
100Kb / 2P
   Solenoid Release Units
440T-ASCBE14 ALLEN-BRADLEY-440T-ASCBE14 Datasheet
111Kb / 2P
   Stopped Motion Units
More results

Similar Description - 440T-ASCBE14

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSSLE10 ALLEN-BRADLEY-440T-MSSLE10 Datasheet
90Kb / 2P
   Slamlock Mechanical
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com