Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2032-A0110CX-28J Datasheet(PDF) 3 Page - Allen-Bradley

Part # 2032-A0110CX-28J
Description  ElectroGuard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2032-A0110CX-28J Datasheet(HTML) 3 Page - Allen-Bradley

  2032-A0110CX-28J Datasheet HTML 1Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 2Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 3Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 4Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 5Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 6Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 7Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 8Page - Allen-Bradley 2032-A0110CX-28J Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
12-6
Safety Isolation System
ElectroGuard
Combination Systems with Fusible Disconnect Switch
Product Selection: For North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Catalogue String to the end of the Cat. No. shown in the table:
Example: Catalogue Number 2032-A0180A
⊗-27J becomes Catalogue Number 2032-A0180A⊗-27J-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2032*-A0630J
⊗-30L becomes Catalogue Number 2032T-A0630J⊗-30L for a “Top Feed” input power requirement.
➊ Power fuses are not included with the disconnect switch. Select power fuses in accordance with applicable local codes.
➋ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine operator
to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off ” position.
Consult your local Rockwell Automation sales office for other time settings.
Amp.
Rating
(AC-3)
3-Phase Max. Hp
Rating (60Hz)
Fuse
Clip
Rating/
Type ➊
Catalogue Number ➋
200
V
230
V
460
V
575
V
Type 1 General
Purpose
Enclosure
Type 12 Dust
tight Enclosure
Type 12 Motor
Control Centre
Type Enclosure
(with bussing)
Type 4
Watertight
Painted Steel
Enclosure
Type 4X
Watertight
Stainless Steel
Enclosure
23
5
7.5
15
15
30A
Class J
2032-A0023A
⊗-24J
2032-A0023J
⊗-24J
2032-!0023J
⊗-24J
2032-A0023F
⊗-24J 2032-A0023C⊗-24J
60A
Class J
2032-A0023A
⊗-25J
2032-A0023J
⊗-25J
2032-!0023J
⊗-25J
2032-A0023F
⊗-25J 2032-A0023C⊗-25J
43
10
15
30
30
60A
Class J
2032-A0043A
⊗-25J
2032-A0043J
⊗-25J
2032-!0043J
⊗-25J
2032-A0043F
⊗-25J 2032-A0043C⊗-25J
100A
Class J
2032-A0043A
⊗-26J
2032-A0043J
⊗-26J
2032-!0043J
⊗-26J
2032-A0043F
⊗-26J 2032-A0043C⊗-26J
85
25
30
60
60
100A
Class J
2032-A0085A
⊗-26J
2032-A0085J
⊗-26J
2032-!0085J
⊗-26J
2032-A0085F
⊗-26J 2032-A0085C⊗-26J
200A
Class J
2032-A0085A
⊗-27J
2032-A0085J
⊗-27J
2032-!0085J
⊗-27J
2032-A0085F
⊗-27J 2032-A0085C⊗-27J
110
40
40
75
100
200A
Class J
2032-A0110A
⊗-27J
2032-A0110J
⊗-27J
2032-!0110J
⊗-27J
2032-A0110F
⊗-27J 2032-A0110C⊗-27J
400A
Class J
2032-A0110A
⊗-28J
2032-A0110J
⊗-28J
2032-!0110J
⊗-28J
2032-A0110F
⊗-28J 2032-A0110C⊗-28J
180
50
60
125
150
200A
Class J
2032-A0180A
⊗-27J
2032-A0180J
⊗-27J
2032-!0180J
⊗-27J
2032-A0180F
⊗-27J 2032-A0180C⊗-27J
400A
Class J
2032-A0180A
⊗-28J
2032-A0180J
⊗-28J
2032-!0180J
⊗-28J
2032-A0180F
⊗-28J 2032-A0180C⊗-28J
210
60
75
150
200
400A
Class J
2032-A0210A
⊗-28J
2032-A0210J
⊗-28J
2032-!0210J
⊗-28J
2032-A0210F
⊗-28J 2032-A0210C⊗-28J
300
75
125
250
300
400A
Class J
2032-A0300A
⊗-28J
2032-A0300J
⊗-28J
2032-!0300J
⊗-28J
2032-A0300F
⊗-28J 2032-A0300C⊗-28J
600A
Class J
2032-A0300A
⊗-29J
2032-A0300J
⊗-29J
2032-!0300J
⊗-29J
2032-A0300F
⊗-29J 2032-A0300C⊗-29J
420
150
175
350
400
600A
Class J
2032-A0420A
⊗-29J
2032-A0420J
⊗-29J
2032-!0420J
⊗-29J
2032-A0420F
⊗-29J 2032-A0420C⊗-29J
800A
Class L
2032-A0420A
⊗-30L 2032-A0420J⊗-30L 2032-!0420J⊗-30L 2032-A0420F⊗-30L 2032-A0420C⊗-30L
630
200
250
500
600
800A
Class L
2032*-A0630A
⊗-30L 2032*-A0630J⊗-30L 2032-!0630J⊗-30L 2032*-A0630F⊗-30L 2032*-A0630C⊗-30L
2000A
Class L
2032*-A0630A
⊗-34L 2032*-A0630J⊗-34L 2032-!0630J⊗-34L 2032*-A0630F⊗-34L 2032*-A0630C⊗-34L
860
250
300
600
700
2000A
Class L
2032*-A0860A
⊗-34L 2032*-A0860J⊗-34L 2032-!0860J⊗-34L 2032*-A0860F⊗-34L 2032*-A0860C⊗-34L
1200
450
450
900
900
2000A
Class L
2032*-A1200A
⊗-34L 2032*-A1200J⊗-34L 2032-!1200J⊗-34L 2032*-A1200F⊗-34L 2032*-A1200C⊗-34L
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B


Similar Part No. - 2032-A0110CX-28J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2032-6330-00 MACOM-2032-6330-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6331-00 MACOM-2032-6331-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6332-00 MACOM-2032-6332-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6333-00 MACOM-2032-6333-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6334-00 MACOM-2032-6334-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
More results

Similar Description - 2032-A0110CX-28J

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2032-C0023PX-23B ALLEN-BRADLEY-2032-C0023PX-23B Datasheet
164Kb / 9P
   ElectroGuard
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
2030-RLSAW ALLEN-BRADLEY-2030-RLSAW Datasheet
158Kb / 8P
   ElectroGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com