Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800TC-FX6D4S Datasheet(PDF) 2 Page - Allen-Bradley

Part # 800TC-FX6D4S
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800TC-FX6D4S Datasheet(HTML) 2 Page - Allen-Bradley

  800TC-FX6D4S Datasheet HTML 1Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 2Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 3Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 4Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 5Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 6Page - Allen-Bradley 800TC-FX6D4S Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Emergency Stop Devices
6-15
Push Buttons
800 E-Stops
Product Selection—22.5mm
2-Position Push-Pull Operators, Non Illuminated—Twist-to-Release, Push-Pull
2-Position Trigger Action Operators, Non Illuminated—Key Release ➌
Back-of-Panel Components, Non Illuminated Operators
! Trigger action operators are compliant with EN418 standards using standard N.C., N.C. Late Break, or N.C. Self-Monitoring contact blocks. Key Release operators are
IP66, Type 4/13.
➋ Emergency stop push buttons are compliant with EN 418 standard when using N.C. Late break (N.C.L.B.) contact blocks.
➌ Key release operators are IP66, Type 4 and 13.
Colour
Operator Material
40mm Mushroom Operator
Catalogue Number
Red
Plastic
Twist-to-Release — Round (Trigger Action) !
800EP-MTS44
Metal
800EM-MTS44
Plastic
Push-Pull Twist-to-Release — Round ➋
800EP-MT4
Metal
800EM-MT4
Plastic
Push-Pull — Round ➋
800ES-MP24
Metal
800EM-MP24
Colour
2 Position Trigger Action !
Mushroom Operator
Size
Catalogue Number
Red
Ronis Key Lock
40mm—Round
800EP-MKR44
60mm—Round
800EP-MKR64
Zadi Key Lock
40mm—Round
800EP-MKZ44
60mm—Round
800EP-MKZ64
Mounting Latch and
Contact Block Combination
Mounting
Contact ➊➋
Catalogue Number
2-Across
1 N.C. Late break
800E-2LX01L
1 N.O. - 1 N.C. Late break
800E-2LX11L
3-Across
1 N.C. Late break
800E-3LX01L
1 N.O. - 1 N.C. Late break
800E-3LX11L
2-Across
1 N.C. Self-monitoring
800E-2LX01LS
3-Across
800E-3LX01S
40mm Trigger Action
Twist-to-Release Mushroom
40mm Twist-to-Release Mushroom
40mm Push-Pull Mushroom
800E-15YE112
Legend Plate for 40mm Ca
40mm Key Release Mushroom
60mm Key Release Mushroom
800E-16YE112
Legend Plate for 60mm Cap
3-Across
2-Across


Similar Part No. - 800TC-FX6D4S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
Make-Ps
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 800TC-FX6D4S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com