Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800HC-FRXT6A5S Datasheet(PDF) 3 Page - Allen-Bradley

Part # 800HC-FRXT6A5S
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800HC-FRXT6A5S Datasheet(HTML) 3 Page - Allen-Bradley

  800HC-FRXT6A5S Datasheet HTML 1Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 2Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 3Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 4Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 5Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 6Page - Allen-Bradley 800HC-FRXT6A5S Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-16
Emergency Stop Devices
Push Buttons
800 E-Stops
Product Selection—22.5mm
2-Position Red Push-Pull Operators, Illuminated —Mushroom ➊
! Emergency stop push buttons are compliant with EN 418 standard when using N.C.L.B. contact blocks.
Operator Material
Size
Catalogue Number
Plastic
40mm
800ES-LMP24
60mm
800ES-LMJP24
Metal
40mm
800EM-LMP24
60mm
800EM-LMJP24
Back-of-Panel Components,
Illuminated Operators
Mounting
Type
Volts
Catalogue Number
2-Across
Incandescent
24 AC/DC
800E-2DL3
120 AC/DC
800E-2DL5
LED (red)
24 AC/DC
800E-2DL3R
120 AC
800E-2DL5R
3-Across
Incandescent
24 AC/DC
800E-3DL3
120 AC/DC
800E-3DL5
LED (red)
24 AC/DC
800E-3DL3R
120 AC
800E-3DL5R
2-Across
Incandescent
24 AC/DC
800E-2TL5
120 AC/DC
800E-2TL7
LED (red)
24 AC/DC
800E-2TL5R
120 AC
800E-2TL7R
3-Across
Incandescent
24 AC/DC
800E-3TL5
120 AC/DC
800E-3TL7
LED (red)
24 AC/DC
800E-3TL5R
120 AC
800E-3TL7R
2-Across
Late Break
!
1 N.C. Late break
800E-2X01L
3-Across
800E-3X01L
40mm Mushroom Push-Pull
60mm Jumbo Mushroom Push-Pull
800E-15YE112
Legend Plate for 40mm Cap
3-Across
(4 ckts. max.)
Full Voltage Power Module with Latch
2-Across
(5 ckts. max.)
2-Across (3 ckts. max.)
3-Across
(2 ckts. max.)
Transformer Power Module with Latch
2-Across
3-Across
Contact Blocks


Similar Part No. - 800HC-FRXT6A5S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
Make-Ps
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 800HC-FRXT6A5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com