Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3435EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3435EFE
Description  High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3435EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3435EFE Datasheet HTML 1Page - Linear Technology LT3435EFE Datasheet HTML 2Page - Linear Technology LT3435EFE Datasheet HTML 3Page - Linear Technology LT3435EFE Datasheet HTML 4Page - Linear Technology LT3435EFE Datasheet HTML 5Page - Linear Technology LT3435EFE Datasheet HTML 6Page - Linear Technology LT3435EFE Datasheet HTML 7Page - Linear Technology LT3435EFE Datasheet HTML 8Page - Linear Technology LT3435EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3435
2
3435fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
520
µA
Minimum Input Voltage (Note 3)
2.4
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
170
250
µA
FB = 1.35V
45
75
µA
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V
3.3
7
mA
BIAS = 5V, FB = 1.15V
2.6
6
mA
Minimum BIAS Voltage (Note 5)
2.7
3.1
V
IBIASS
BIAS Sleep Current (Note 4)
125
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 3.3V
700
900
µA
Minimum Boost Voltage (Note 6)
ISW = 1.5A
1.8
V
Input Boost Current (Note 7)
ISW = 3A
65
85
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
1.225
1.25
1.275
V
IFB
FB Input Bias Current
75
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
400
650
900
µMho
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
(Note 1)
VIN, SHDN, BIAS, PGOOD, SW ............................... 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC, CSS, PGFB, FB................................................ 6V
Operating JunctionTemperature Range
(Note 2) ........................................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V
unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO GND (PIN 8)
FE PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LT3435EFE
LT3435IFE
3435EFE
3435IFE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
VIN
VIN
SW
BOOST
CT
GND
PGOOD
SHDN
SYNC
PGFB
FB
VC
BIAS
CSS
17


Similar Part No. - LT3435EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3435 LINER-LT3435 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results

Similar Description - LT3435EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
   High Voltage, 3A,500kHz Step-Down Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
   High Voltage, 3A, 500kHz Step-Down Switching Regulator
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3995 LINER-LT3995_15 Datasheet
352Kb / 24P
   60V, 3A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
   42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com