Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440P-MSLS11N5 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440P-MSLS11N5
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-MSLS11N5 Datasheet(HTML) 5 Page - Allen-Bradley

  440P-MSLS11N5 Datasheet HTML 1Page - Allen-Bradley 440P-MSLS11N5 Datasheet HTML 2Page - Allen-Bradley 440P-MSLS11N5 Datasheet HTML 3Page - Allen-Bradley 440P-MSLS11N5 Datasheet HTML 4Page - Allen-Bradley 440P-MSLS11N5 Datasheet HTML 5Page - Allen-Bradley 440P-MSLS11N5 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7-12
Position Interlock Switches
Safety Limit Switches
Large Metal Senator
Typical Wiring Diagram
M9 12-Pin M23 Connector
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Connector Pinout
4 N.C.
3 N.C. 1 N.O.
2 N.C. 2 N.O.
Terminal
Contact
Terminal
Contact
Terminal
Contact
111
N.C.
11
N.C.
11
N.C.
312
12
12
421
N.C.
21
N.C.
21
N.C.
622
22
22
731
N.C.
31
N.C.
33
N.O.
832
32
34
941
N.C.
43
N.O.
43
N.O.
10
42
44
44
12
Ground
24
23
11
12
42
32
22
12
41
31
21
11
44
32
22
12
43
31
21
11
44
34
22
12
43
33
21
11
1 (N.C.)
Auxiliary Circuit (N.O.)
23
11
24
12
4 N.C.
1 N.O. 1 N.C.
1 N.O. 3 N.C.
2 N.O. 2 N.C.
Same polarity this side of block
N5 Connector 2 Circuit 5-Pin Mini Connector
7
8
4
5
2
10
1
12
3
6
11
9
Roller Plunger
Dome Plunger
Short Lever
48
(1.88)
17 (0.66)
Dia.
21
(0.82)
40 (1.57)
43 (1.69)
30
(1.18)
118
(4.64)
60
(2.36)
33 (1.29)
34
(1.33)
19
(0.74)
40 (1.57)
43 (1.69)
30
(1.18)
105
(4.13)
60
(2.36)
33 (1.29)
63
(2.48)
18 (0.70)
Dia.
7 (0.27)
40 (1.57)
43 (1.69)
30
(1.18)
133
(5.23)
60
(2.36)
64 (2.51)


Similar Part No. - 440P-MSLS11N5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
More results

Similar Description - 440P-MSLS11N5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com