Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440L-T4F90018-Q Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440L-T4F90018-Q
Description  Safety Light Curtains
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-T4F90018-Q Datasheet(HTML) 1 Page - Allen-Bradley

  440L-T4F90018-Q Datasheet HTML 1Page - Allen-Bradley 440L-T4F90018-Q Datasheet HTML 2Page - Allen-Bradley 440L-T4F90018-Q Datasheet HTML 3Page - Allen-Bradley 440L-T4F90018-Q Datasheet HTML 4Page - Allen-Bradley 440L-T4F90018-Q Datasheet HTML 5Page - Allen-Bradley 440L-T4F90018-Q Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-46
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control
Description
The AAC photoelectric safety switch is a single-beam, noncontact
presence sensing safety device consisting of separate transmitter and
receiver units. The light beam produced between the emitter and
receiver provides access protection for hazardous areas.
The AAC serves as a presence sensing safety device for perimeter
guarding to protect personnel from potentially hazardous areas such
as:
• Robotic work cells
• Machining centres
• Palletizers
• Plastics machinery
•Stackers
• Settling machinery in the stone working industry
Features
• Long scan range
• Easy installation
• Die cast aluminium housing
• Heated front lens, i.e. it can be used even in outdoor applications
Specifications
Standards
EN 50100
Approvals
BG and CE marked for all applicable
directives
Protective Field Range
0.5 to 18m or 15 to 70m
Number of Beams
1
Light Beam Diameter
23mm
Sender/Receiver Unit
Supply Voltage
24V DC
±20%
230V AC
+15% to -10%
(special order)
115V AC
+15% to -10%
Ripple
Max. 5% of Uv
Frequency
48 to 62Hz with AC version
Input, Sender
Test contact
Test Time
Max. 150ms
Min. Opening Time of NC
Contact for Test
75ms
Power Consumption
Voltage Version
24V
115V
230V
Sender Unit
5W
8W
8W
Receiver Unit
8W
11W
11W
Synchronization
Optical
Outputs
Safety Relays—Max. Operating
Frequency 0.2Hz (1 operation in 5
seconds)
Switching Current (max./
min.)
2A/0.02A
Switching Voltage (max./
min.)
250V AC/24V DC
Response Time
≤22ms
Connection Cable
PG connector: IP67, max cable length
50m
Front Screen Heating
Standard
Operating Data
Protection Class
I
Enclosure Rating
IP67
Safety Category
Type 4
Requirements
EN 50100 Part I/Part II
Ambient Operating
Temperature
-25
°C to 55°C
Storage Temperature
-25
°C to 70°C
Air Humidity
15% to 95%
Vibration
5g, 10 to 55Hz to IEC 68-2-6
Impact Resistance
10g, 16ms to IEC 68-2-29
Weight
Sender unit: approx. 0.9 to 1.3kg
Receiver unit: approx. 1 to 1.4kg


Similar Part No. - 440L-T4F90018-Q

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-A2MIRSTND ALLEN-BRADLEY-440L-A2MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-A3MIRSTND ALLEN-BRADLEY-440L-A3MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-AGWS0160 ALLEN-BRADLEY-440L-AGWS0160 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0320 ALLEN-BRADLEY-440L-AGWS0320 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0480 ALLEN-BRADLEY-440L-AGWS0480 Datasheet
168Kb / 7P
   Safety Light Curtains
More results

Similar Description - 440L-T4F90018-Q

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com