Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440N-S32017 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440N-S32017
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440N-S32017 Datasheet(HTML) 2 Page - Allen-Bradley

  440N-S32017 Datasheet HTML 1Page - Allen-Bradley 440N-S32017 Datasheet HTML 2Page - Allen-Bradley 440N-S32017 Datasheet HTML 3Page - Allen-Bradley 440N-S32017 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Interlock Switches
3-61
Non contact Switches
Sipha Sensors
Product Selection
Note: Contacts are described with the guard door closed, that is, actuator in place. Switch is shipped complete with actuator.
Accessories
Housing Style
Housing
Safety Contacts
Auxiliary
Contacts
Type
Connection
Catalogue Number
S1
ABS Plastic
1 N.C. & 1 N.O.
None
S11
3m Cable
440N-S32014
10m Cable
440N-S32016
1 N.C.
S12
3m Cable
440N-S32022
10m Cable
440N-S32032
1 N.O.
S13
3m Cable
440N-S32037
10m Cable
440N-S32036
S2
None
S21
3m Cable
440N-S32015
10m Cable
440N-S32017
1 N.C.
S22
3m Cable
440N-S32023
10m Cable
440N-S32033
1 N.O.
S23
3m Cable
440N-S32038
10m Cable
440N-S32039
S3
Polyester
(Actuator)
Nylon
[Trogamid]
(Sensor)
None
S31
4 Pin Micro QD
440N-S32024
S4
Stainless Steel
S42
8 Pin Micro QD
440N-S32047
1 N.C.
1 N.O.
S43
440N-S32046
Mating cable, 4-pin straight 2m. See page 15-10 for details and additional lengths.
889D-F4AC-2
Mating cable, 4-pin straight 5m. See page 15-10 for details and additional lengths.
889D-F4AC-5
Mating cable, 4-pin straight 10m. See page 15-10 for details and additional lengths.
889D-F4AC-10
Mating cable, 8-pin/7-wire straight 2m. See page 15-10 for details and additional lengths.
889D-F8AC-2
Mating cable, 8-pin/7-wire straight 5m. See page 15-10 for details and additional lengths.
889D-F8AC-5
Mating cable, 8-pin/7-wire straight 10m. See page 15-10 for details and additional lengths.
889D-F8AC-10
Description
Page Number
Catalogue Number
Actuator S10
440N-A32019
Actuator S20
440N-A32020
Actuator S30
440N-A32025
Actuator S40 (GD2)
440N-A32041


Similar Part No. - 440N-S32017

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
More results

Similar Description - 440N-S32017

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com