Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440P-MALB22M9 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440P-MALB22M9
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-MALB22M9 Datasheet(HTML) 4 Page - Allen-Bradley

  440P-MALB22M9 Datasheet HTML 1Page - Allen-Bradley 440P-MALB22M9 Datasheet HTML 2Page - Allen-Bradley 440P-MALB22M9 Datasheet HTML 3Page - Allen-Bradley 440P-MALB22M9 Datasheet HTML 4Page - Allen-Bradley 440P-MALB22M9 Datasheet HTML 5Page - Allen-Bradley 440P-MALB22M9 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Position Interlock Switches
7-11
Safety Limit Switches
Large Metal Senator
Product Selection (continued)
➊ N5 = 5-pin mini connector.
M9 = 12-pin M23 connector (use 9 wire).
➋ Not positive opening
Operator
Type
Contacts
Contact
Type
Typical
Force/
Torque to
Operate
Contact Opening
Characteristics
Catalogue Number
Safety
Aux.
1/2in NPT
Conduit
M20 Conduit
Quick
Disconnect ➊
Metal Spring
Rod ➋
1 N.C
1 N.O
Snap
Acting
0.20Nm
440P-MSRS11E
440P-MSRS11B
440P-MSRS11N5
4 N.C
——0.20Nm
440P-MSRB04E
440P-MSRB04B
440P-MSRB04M9
3 N.C.
1 N.O
BBM
0.20Nm
440P-MSRB13E
440P-MSRB13B
440P-MSRB13M9
2 N.C
2 N.O
MBB
0.20Nm
440P-MSRB22E
440P-MSRB22B
440P-MSRB22M9
Telescope
Arm ➋
1 N.C
1 N.O
Snap
Acting
0.20Nm
440P-MTAS11E
440P-MTAS11B
440P-MTAS11N5
4 N.C
——0.20Nm
440P-MTAB04E
440P-MTAB04B
440P-MTAB04M9
3 N.C.
1 N.O
BBM
0.20Nm
440P-MTAB13E
440P-MTAB13B
440P-MTAB13M9
2 N.C
2 N.O
MBB
0.20Nm
440P-MTAB22E
440P-MTAB22B
440P-MTAB22M9
Recommended standard cordset, 2m, 5-pin mini connector. See page 15-12 for additional lengths.
889N-F5AE-6F
Recommended standard cordset, 2m, 12-pin 9 wire. See page 15-12 for additional lengths.
889M-F12X9AE-2
Open
Closed
90˚
32˚
20cNm
32˚
20cNm
90˚
23-24
11-12
10˚
10˚
11-12
23-24
90˚
90˚
17˚
20cNm
8
11-12
21-22
31-32
41-42
17˚
20cNm
90˚
90˚
19˚
20cNm
19˚
20cNm
24˚
24˚
21-22
31-32
43-44
11-12
90˚
90˚
18˚
20cNm
18˚
20cNm
26˚
26˚
11-12
43-44
33-34
21-22
90˚
39˚
20cNm
39˚
20cNm
90˚
23-24
11-12
10˚
10˚
11-12
23-24
90˚
90˚
24˚
20cNm
8
11-12
21-22
31-32
41-42
24˚
20cNm
90˚
90˚
23˚
20cNm
23˚
20cNm
30˚
30˚
21-22
31-32
43-44
11-12
90˚
90˚
24˚
20cNm
24˚
20cNm
31˚
31˚
11-12
43-44
33-34
21-22


Similar Part No. - 440P-MALB22M9

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
More results

Similar Description - 440P-MALB22M9

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com