Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3437EFE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3437EFE
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437EFE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3437EFE Datasheet HTML 5Page - Linear Technology LT3437EFE Datasheet HTML 6Page - Linear Technology LT3437EFE Datasheet HTML 7Page - Linear Technology LT3437EFE Datasheet HTML 8Page - Linear Technology LT3437EFE Datasheet HTML 9Page - Linear Technology LT3437EFE Datasheet HTML 10Page - Linear Technology LT3437EFE Datasheet HTML 11Page - Linear Technology LT3437EFE Datasheet HTML 12Page - Linear Technology LT3437EFE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LT3437
3437fc
PI FU CTIO S (DD/FE)
BIAS (Pin 6/Pin 10): The BIAS pin is used to improve
efficiency when operating at higher input voltages and
light load current. Connecting this pin to the regulated
output voltage forces most of the internal circuitry to draw
its operating current from the output voltage rather than
the input supply. This architecture increases efficiency
especially when the input voltage is much higher than the
output. Minimum output voltage setting for this mode of
operation is typically 2.7V.
VC (Pin 7/Pin 11): The VC pin is the output of the error
amplifierandtheinputofthepeakswitchcurrentcomparator.
It is normally used for frequency compensation, but can also
serve as a current clamp or control loop override. VC sits at
about 0.45V for light loads and 1.5V at maximum load.
During the sleep portion of Burst Mode operation, the VC
pin is held at a voltage slightly below the burst threshold for
better transient response. Driving the VC pin to ground
will disable switching and place the IC into sleep mode.
FB (Pin 8/Pin 12): The feedback pin is used to determine
the output voltage using an external voltage divider from
the output that generates 1.25V at the FB pin. When the FB
pin drops below 0.9V, switching frequency is reduced, the
SYNC function is disabled and output ramp rate control is
enabled via the CSS pin. See the Feedback section in
Applications Information for details.
SYNC (Pin 9/Pin 14): The SYNC pin is used to synchronize
the internal oscillator to an external signal. It is directly
logic compatible and can be driven with any signal be-
tween 25% and 75% duty cycle. The synchronizing range
is equal to maximum initial operating frequency up to
700kHz. When the voltage on the FB pin is below 0.9V the
SYNC function is disabled. When a synchronization signal
or logic-level high is present at the SYNC pin, Burst Mode
operation is disabled. See the synchronizing section in
Applications Information for details.
SHDN (Pin 10/Pin 15): The SHDN pin is used to turn off the
regulator and to reduce input current to less than 1
µA. The
SHDN pin requires a voltage above 1.3V with a typical source
current of 5
µA to take the IC out of the shutdown state.
Exposed Pad (Pin 11/Pin 17): Ground. Must be soldered
to the PCB.


Similar Part No. - LT3437EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437EFE LINER-LT3437EFE Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results

Similar Description - LT3437EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LTC3824 LINER-LTC3824 Datasheet
239Kb / 12P
   High Voltage Step-Down Controller With 40關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com