Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440H-S34020 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440H-S34020
Description  Hinge Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440H-S34020 Datasheet(HTML) 1 Page - Allen-Bradley

  440H-S34020 Datasheet HTML 1Page - Allen-Bradley 440H-S34020 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-72
Interlock Switches
Hinge Switches
Sprite
Description
Developed from the highly successful Ensign, the Sprite offers the
same safety related features in a more compact housing—only 75
×
25
× 29mm (2.95 x 0.98 x 1.14in)—making it the smallest interlock
currently available. The Sprite has been designed for smaller
machines such as printing machines, copiers or domestic machinery
which, until now, have been unable use standard safety interlocks
due to space restrictions. Despite its diminutive size the Sprite
includes the necessary safety related functions, such as forced guided
contacts and a tamper resistant mechanism allowing machinery to be
safeguarded in compliance with the machinery directive.
The Sprite’s shaft is connected to the existing hinge pin and the
degree of operation can be adjusted to suit the application via the
adjustable cam in the switch head.
Note:
After adjustment, the cam must be secured in position with the
supplied cam locking pin to ensure optimal performance.
The Sprite is available with two N.C. or one N.O. and one N.C.
safety contact in a watertight and dustproof IP67 housing.
Features
• Ideal for small, light weight guards
• The smallest hinge interlock switch available, 75
× 25mm case
• Degree of operation can customized with adjustable cam
• Contacts, 2 N.C. or 1 N.C. & 1 N.O.
• Four possible shaft positions, easy to install
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occurs which
becomes conductive due to condensation.
Four Position Rotating Head
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus NRTL/C and TUV
Safety Contacts
2 N.C. or 1 N.C. direct opening action
Utilisation Cat.
AC (Ue)
(le)
DC
AC 15
500V 250V 100V
1A 2A 5A
250V 0.5A 24V 2A
Max Switched Current/
Voltage/Load
500V/500VA
Thermal Current (lth)
10A
Minimum Current
5V 5mA DC
Safety Contact Gap
>2mm (0.08in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand
Voltage
(Uimp) 2500V
Auxiliary Contacts
1 N.O.
Pollution Degree ➊
3
Shaft Rotation for Contact
Operation
Maximum 11°; Minimum 3° (adjustable)
Break Contact Min Force
8cNm (torque on shaft)
Case Material
UL approved glass filled polyester
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
1
× M16 or quick-disconnect style
Operating Temperature
-20°C to +80°C (-4°F to 176°F)
Fixing
2 x M4
Mounting
Any position
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
80g (0.176lb)
Colour
Red
50, 60, or 80mm
long actuator
shafts
The head rotates 360° in 90°
increments to give four possible shaft
operating positions.


Similar Part No. - 440H-S34020

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440H-H03077 ALLEN-BRADLEY-440H-H03077 Datasheet
59Kb / 2P
   Explosion Proof
440H-H03100 ALLEN-BRADLEY-440H-H03100 Datasheet
59Kb / 2P
   Explosion Proof
440H-P03035 ALLEN-BRADLEY-440H-P03035 Datasheet
55Kb / 1P
   440H-P03035
440H-R03074 ALLEN-BRADLEY-440H-R03074 Datasheet
128Kb / 3P
   Hinge Switches
440H-R03078 ALLEN-BRADLEY-440H-R03078 Datasheet
128Kb / 3P
   Hinge Switches
More results

Similar Description - 440H-S34020

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440H-R03074 ALLEN-BRADLEY-440H-R03074 Datasheet
128Kb / 3P
   Hinge Switches
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
   Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
   Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
   Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
   Hinge cylinder
DWA-63-75-Y-AB-G FESTO-DWA-63-75-Y-AB-G Datasheet
85Kb / 2P
   Hinge cylinder
DWA-63-75-Y-A-G FESTO-DWA-63-75-Y-A-G Datasheet
89Kb / 2P
   Hinge cylinder
DWA-63-125-Y-A FESTO-DWA-63-125-Y-A Datasheet
89Kb / 2P
   Hinge cylinder
DWB-50-50-Y FESTO-DWB-50-50-Y Datasheet
84Kb / 2P
   Hinge cylinder
DWB-50-75-Y FESTO-DWB-50-75-Y Datasheet
84Kb / 2P
   Hinge cylinder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com