Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440K-B04046 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440K-B04046
Description  Guard Locking Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-B04046 Datasheet(HTML) 1 Page - Allen-Bradley

  440K-B04046 Datasheet HTML 1Page - Allen-Bradley 440K-B04046 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-40
Interlock Switches
Guard Locking Switches
Centurion
Description
The Centurion is a positive mode, thumbwheel operated machine
guard locking interlock switch that locks the guard closed until the
operator manually rotates the thumbwheel, retracting the shaft from
the guard door. The action of retracting the shaft initiates two
functions; it isolates the power to the machine while the guard is open
and, due to the operating principle, gives up to 20 seconds delay
before the guard can be opened.
Alternative styles with longer shafts can increase the time delay by as
much as 50%. The Centurion is ideal for use on simple machines
with short, constant run down times. It is important that correct
installation and operation of the unit are followed to ensure that the
retractable shaft cannot be extended when the guard is open. For
machines with long or variable run down times or where frequent
access is required, solenoid locking switches such as the TLS-GD2
and Atlas 5 should be considered.
The Centurion has 2 safety (N.C.) contacts, 1 auxiliary (N.O.) contact
and 1 conduit entry (either M20 or quick disconnect).
EX and Pneumatic styles of the Centurion are also available; see the
Explosion Proof section on page 16-1 for more information.
Note: Additional safety measures (i.e., a shroud) should be used
to ensure the thumbwheel can only be accessed by fingertips.
Features
• Manually operated time delay, allows for machine run down
• Simple operation & installation
• Robust die cast housing, ideal for heavy duty applications
• Contacts, 2 N.C. & 1 N.O. (sealed to IP66)
73013
Specifications
Note: The safety contacts of the Guardmaster switches are described as normally
closed (N.C.) i.e., with the guard closed, actuator in place (where relevant) and the
machine able to be started.
Centurion Thumbwheel Operation
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus, BG, and SUVA
Safety Contact
2 N.C. direct opening action
Designation/Utilization Cat.
AC (Ue)
(Ie)
DC
AC15
500V 250V 100V
1A 2A 5A
250V 0.5A 24V 2A
Max Switched Current/Volt/
Load
500V/500VA
Thermal Current (lth)
10A
Min Current
5V 5mA
Safety Contact Gap
>2mm (0.078in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand Volt
(Uimp) 2500V
Auxiliary Contacts
1 N.C.
Shaft Movement to Achieve
Contact Operation
2mm (0.078in)
Case Material
Heavy duty die cast alloy
Locking shaft
Stainless Steel
Protection
IP66
Conduit Entry
1 x M20 or quick disconnect
Operating Temperature
-25°C to +80°C (-10°F to +176°F)
Mounting
2 x M4
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
500g (1.20lbs)
Colour
Red
Interlocking shaft is manually
retracted from the guard by
rotating the thumbwheel.


Similar Part No. - 440K-B04046

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
181Kb / 5P
   Accessories
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
181Kb / 5P
   Accessories
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-B04046

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
   Guard Locking Switches
440G-MT ALLEN-BRADLEY-440G-MT Datasheet
122Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com