Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440L-P4D1350-N Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440L-P4D1350-N
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4D1350-N Datasheet(HTML) 5 Page - Allen-Bradley

  440L-P4D1350-N Datasheet HTML 1Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 2Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 3Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 4Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 5Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 6Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 7Page - Allen-Bradley 440L-P4D1350-N Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2-30
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Product Selection
Safety Light Curtains
Host Guest
The Allen-Bradley Guardmaster POC host guest family of safety light curtains are ordered as pairs—transmitter and receiver—and is shipped
under one part number. After selecting the appropriate light curtain pair, ensure that required interfaces and accessories are ordered as well.
Note: The maximum number of allowable beams in any combination of host/guest is 240 beams.
Note: To order controllers, safety relays and accessories, refer to page 2-28.
Host
Pairs
Guest
Pairs
Size
mm
(inches)
Resolution/
No. of Beams
Protected
Height
Catalogue
Number
Size
mm
(inches)
Resolution/
No. of Beams
Protected
Height
Catalogue
Number
mm
in
mm
in
900
(36)
14mm/120
914
36.0
440L-C4B0900-N
150
(6)
14mm/20
150
5.9
440L-B4B0150-N
30mm/60
932
36.7
440L-C4D0900-N
30mm/10
150
5.9
440L-B4D0150-N
1050
(42)
14mm/140
1064
41.9
440L-C4B1050-N
300
(12)
14mm/40
314
12.3
440L-B4B0300-N
30mm/70
1082
42.6
440L-C4D1050-N
30mm/20
332
13.0
440L-B4D0300-N
1200
(48)
14mm/160
1214
47.8
440L-C4B1200-N
450
(18)
14mm/60
464
18.2
440L-B4B0450-N
30mm/80
1232
48.5
440L-C4D1200-N
30mm/30
482
18.9
440L-B4D0450-N
1350
(54)
14mm/180
1364
53.7
440L-C4B1350-N
600
(24)
14mm/80
614
24.1
440L-B4B0600-N
30mm/90
1382
54.4
440L-C4D1350-N
30mm/40
632
24.8
440L-B4D0600-N
1500
(60)
14mm/200
1514
59.6
440L-C4B1500-N
750
(30)
14mm/100
764
30.0
440L-B4B0750-N
30mm/100
1532
60.3
440L-C4D1500-N
30mm/50
782
30.8
440L-B4D0750-N
900
(36)
14mm/120
914
36.0
440L-B4B0900-N
30mm/60
932
36.7
440L-B4D0900-N
Host Receiver
Guest Receiver
Cable length is
Host Sender
Guest Sender
170mm (6.5in)


Similar Part No. - 440L-P4D1350-N

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4G1500-N ALLEN-BRADLEY-440L-P4G1500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4G1500M-N ALLEN-BRADLEY-440L-P4G1500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500-N ALLEN-BRADLEY-440L-P4H2500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500M-N ALLEN-BRADLEY-440L-P4H2500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H3220-N ALLEN-BRADLEY-440L-P4H3220-N Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440L-P4D1350-N

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com