Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440G-S36046 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440G-S36046
Description  Guard Locking Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440G-S36046 Datasheet(HTML) 1 Page - Allen-Bradley

  440G-S36046 Datasheet HTML 1Page - Allen-Bradley 440G-S36046 Datasheet HTML 2Page - Allen-Bradley 440G-S36046 Datasheet HTML 3Page - Allen-Bradley 440G-S36046 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-24
Interlock Switches
Guard Locking Switches
Spartan
Description
The Spartan is a positive mode, tongue operated guard locking
interlock switch that locks a machine guard closed until power is
isolated and ensures that it remains isolated while the guard is open.
It is available in two contact configurations: two safety (N.C.)
contacts and one auxiliary (N.O.) contact or three safety (N.C.)
contacts. The Spartan head has two entry slots and it can be rotated
to provide four actuator entry points. A blanking plug is provided to
seal the unused slot.
The guard may only be opened when a signal is applied to the
Spartan’s internal solenoid which releases the lock mechanism.
Therefore the Spartan is ideal for machines which do not stop
immediately or where premature interruption of the machine could
cause damage to tooling and components or cause an additional
hazard.
The locking mechanism withstands forces up to of 1200N (270lbs.)
and an LED provides visual indication of switch status.
A catch kit with actuator alignment is also supplied to relieve stress
on the locking solenoid and to protect the unit from actuator
damage due to poor guard alignment. Manual release points with
security screws or special key allow the locked Spartan to be released
in the event of total power failure on a machine.
Features
•Power to release
• Lid mounted status indication
• High locking force—1200N (270lbs.)
• 2 N.C. & 1 N.O. or 3 N.C.
• Rotatable head: 4 possible key entry slots
Typical Applications
Note: Lift-off guards require good alignment when using
tongue actuated interlock switches.
IMPORTANT: It must not be possible to lift the guard
without actuating the interlock. An interlock on either side
may be required.
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occurs which
becomes conductive due to condensation.
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus and TUV Nord
Safety Contact
2 N.C. or 3 N.C. direct opening action
Utilization Cat.
AC (Ue)
(le)
DC
AC 15
500V 250V 100V
1A 2A 5A
250V/0.5A 24V/2A
Maximum Switched Current/
Volt/Load
500V/500VA
Thermal Current (lth)
10A
Min Current
5V 5mA DC
Safety Contact Gap
>2mm
Rtd. Insulation Voltage
500V
Rtd. Impulse withstand Volt
2500V
Auxiliary Contacts
1 N.O.
Pollution Degree ➊
3
Max Actuation Speed
160mm/second (6.3 in/sec)
Max Actuation Frequency
1 cycle/second
Case Material
UL Approved glass filled polyester
Actuator Material
Stainless steel
Protection
IP 67
Conduit Entry
1 x M20 or quick disconnect style
Operating Temperature
-20°C to 60°C (-4°F to +140°F)
Fixing
2 x M5
Mounting
Any position
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
260g (0.57 lb)
Colour
Red
Max Holding Force
1200N (270lbs)
Min Operating Radius
175mm (6.9in)
LED Indication
Solenoid monitor LED
Power Supply
24V AC/DC, 110V AC, 230V AC
(solenoid)
Solenoid Power
Typically 7W 100% ED


Similar Part No. - 440G-S36046

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
181Kb / 5P
   Accessories
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
181Kb / 5P
   Accessories
440G-A07269 ALLEN-BRADLEY-440G-A07269 Datasheet
103Kb / 4P
   Guard Locking Switches
More results

Similar Description - 440G-S36046

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-B04025 ALLEN-BRADLEY-440K-B04025 Datasheet
105Kb / 2P
   Guard Locking Switches
440G-MT ALLEN-BRADLEY-440G-MT Datasheet
122Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com