Electronic Components Datasheet Search |
|
440P-CALM12E Datasheet(PDF) 4 Page - Allen-Bradley |
|
440P-CALM12E Datasheet(HTML) 4 Page - Allen-Bradley |
4 / 6 page Position Interlock Switches 7-5 Safety Limit Switches Small Plastic Senator Product Selection (continued) ➊ D4 suffix uses a 4-pin DC Micro (M12) connector. R6 suffix uses a 6-pin AC Micro (dual keyway) connector. ➋ Not positive opening Typical Wiring Diagrams ➌ Two-Circuit Type D4 4-Pin Micro Connector Three-Circuit Type R6 6-Pin Micro Connector ➌ See Product Selection tables for positive opening circuits. Operator Type Contact Contact Type Typical Force/ Torque to Operate Contact Opening Characteristics Catalogue Number Safety Aux. 1/2in NPT Conduit M20 Conduit Quick Disconnect ➊ Rubber Roller ➋ 1 N.C 1 N.O Snap Acting 0.15Nm 440P-CRRS11E 440P-CRRS11B 440P-CRRS11D4 2 N.C 1 N.O BBM 0.14Nm 440P-CRRB12E 440P-CRRB12B 440P-CRRB12R6 3 N.C. — — 0.14Nm 440P-CRRB03E 440P-CRRB03B 440P-CRRB03R6 2 N.C 1 N.O MBB 0.14Nm 440P-CRRM12E 440P-CRRM12B 440P-CRRM12R6 Recommended standard cordset, 2m, 4-pin, DC Micro (M12) connector. See page 15-10 for additional lengths. 889D-F4AC-2 Recommended standard cordset, 2m, 6-pin AC Micro connector. See page 15-10 for additional lengths. 889R-F6ACA-2 Connector Pinout 1 N.C. + 1 N.O. Terminal Contact 1 N.O. + 1 N.C. 111 N.C. 312 223 N.O. 424 Connector Pinout 2 N.C. + 1 N.O. 3 N.C. Terminal Contact Terminal Contact 3 N.C. 2 N.C. + 1 N.O. 111 N.C. 11 N.C. 512 12 221 N.C. 21 N.C. 622 22 333 N.O. 31 N.C. 434 32 Open Closed Positive Opening Point 0˚ 88˚ 31˚ 15 cNm 31˚ 15cNm 88˚ 23 -24 11 -12 16˚ 16˚ 11 -12 23 -24 50˚ 50˚ 47 ˚ 88˚ 0˚ 88 ˚ 27˚ 10 cNm 27 ˚ 10 cNm 37˚ 37˚ 21- 22 33- 34 11- 12 47˚ 88 0˚ 88˚ 27˚ 10cNm 11-12 21-22 31-32 27˚ 10c Nm 47˚ 47 ˚ 47˚ 88˚ 0˚ 88˚ 26˚ 26˚ 17˚ 10 cNm 17˚ 10c Nm 21- 22 33- 34 11- 12 47˚ 3 21 4 12 11 24 23 Same Polarity 11 12 21 22 33 34 11 12 21 22 31 32 Auxiliary Circuit (N.O.) Safety Circuit 2 (N.C.) Safety Circuit 1 (N.C.) |
Similar Part No. - 440P-CALM12E |
|
Similar Description - 440P-CALM12E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |