Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440L-ASHIM Datasheet(PDF) 7 Page - Allen-Bradley

Part # 440L-ASHIM
Description  Safety Light Curtains
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-ASHIM Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 440L-ASHIM Datasheet HTML 3Page - Allen-Bradley 440L-ASHIM Datasheet HTML 4Page - Allen-Bradley 440L-ASHIM Datasheet HTML 5Page - Allen-Bradley 440L-ASHIM Datasheet HTML 6Page - Allen-Bradley 440L-ASHIM Datasheet HTML 7Page - Allen-Bradley 440L-ASHIM Datasheet HTML 8Page - Allen-Bradley 440L-ASHIM Datasheet HTML 9Page - Allen-Bradley 440L-ASHIM Datasheet HTML 10Page - Allen-Bradley 440L-ASHIM Datasheet HTML 11Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-40
Presence Sensing Safety Devices
Safety Light Curtains
Perimeter Access Control
Approximate Dimensions—mm (inches) (continued)
Approximate Dimensions are not intended to be used for installation purposes.
AB
C
D
E
F
G
440L-R4H 2500M-N
500
663
524
80
265
77
86
440L-R4H 3220M-N
440
576
437
80
265
50
86
440L-R4H 3400M-N
800
964
825
80
265
78
86
1
440L-R4H 1500M-N
500
663
524
80
255
87
76
Muting Lamp
Connection
55
69
52
14
6
3.5 (0.14)
2.2 (0.09)
6.7 (0.26)
10.5
23
27.5
(1.08)
(0.91)
(2.05)
(2.17)
(2.72)
(0.55)
(0.24)
(0.41)
AB
C
D
E
F
G
31 (1.22)
179 (7.05)
Detail A
B2
B1
A2
A1
Detail A
Mini
Connector
500
(19.69)
668
(26.3)
81
(3.1)
21 (0.83)
52
(2.05)
55
(2.17)
87
(3.43)
Corner mirror—use with single-beam PAC
(440L-P4G1500-N or 440L-P4G1500M-N)
440L-AMIRSTDZ500


Similar Part No. - 440L-ASHIM

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-AGWS0160 ALLEN-BRADLEY-440L-AGWS0160 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0320 ALLEN-BRADLEY-440L-AGWS0320 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0480 ALLEN-BRADLEY-440L-AGWS0480 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0640 ALLEN-BRADLEY-440L-AGWS0640 Datasheet
168Kb / 7P
   Safety Light Curtains
440L-AGWS0800 ALLEN-BRADLEY-440L-AGWS0800 Datasheet
168Kb / 7P
   Safety Light Curtains
More results

Similar Description - 440L-ASHIM

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com