Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440K-T11454 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440K-T11454
Description  Tongue Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11454 Datasheet(HTML) 5 Page - Allen-Bradley

  440K-T11454 Datasheet HTML 1Page - Allen-Bradley 440K-T11454 Datasheet HTML 2Page - Allen-Bradley 440K-T11454 Datasheet HTML 3Page - Allen-Bradley 440K-T11454 Datasheet HTML 4Page - Allen-Bradley 440K-T11454 Datasheet HTML 5Page - Allen-Bradley 440K-T11454 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3-18
Interlock Switches
Tongue Switches
Trojan 5 & 6
Approximate Dimensions—mm (in)
Standard Model
GD2 Model
End Entry
9 (0.35)
End Entry
32 (1.26)
95 (3.74)
5.5
(0.22)
14
(0.55)
3
(0.12)
15.75
(0.62)
20.5
(0.81)
3
(0.12)
5
(0.2)
5.5
95 (3.74)
6
(0.24)
24 (0.94)
5 (0.2)
5.5 (0.22)
Front Entry
20.5
(0.81)
46 (1.81)
7 (0.28)
8
(0.31)
15.75 (0.62)
Mounting Holes
for M5 Screws
Mounting Holes
for M5 Screws
Front Entry
3
(0.12)
15.75
(0.62)
20.5
(0.81)
3
(0.12)
14
(0.55)
5 (0.2)
5.5 (0.22)
20.5
(0.81)
15.75 (0.62)
7
(0.28)
8
(0.31)
46 (1.81)
24 (0.94)


Similar Part No. - 440K-T11454

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11463 ALLEN-BRADLEY-440K-T11463 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-T11454

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com