Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440K-T11444 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440K-T11444
Description  Tongue Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11444 Datasheet(HTML) 3 Page - Allen-Bradley

  440K-T11444 Datasheet HTML 1Page - Allen-Bradley 440K-T11444 Datasheet HTML 2Page - Allen-Bradley 440K-T11444 Datasheet HTML 3Page - Allen-Bradley 440K-T11444 Datasheet HTML 4Page - Allen-Bradley 440K-T11444 Datasheet HTML 5Page - Allen-Bradley 440K-T11444 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-16
Interlock Switches
Tongue Switches
Trojan 5 & 6
Product Selection (continued)
Model Type
Contacts
BBM/
MBB
Actuator
M20 Conduit
Quick Disconnect
Safety
Aux.
M20 Conduit
1/2in NPT Adaptor
End Entry
Trojan 6
Standard
3 N.C.
1 N.O.
BBM
Standard
440K-T11171
440K-T11435
440K-T11403
Semi-Flex
440K-T11436
440K-T11405
440K-T11404
Fully-Flex
440K-T11437
440K-T11406
440K-T11407
440K-T11449
440K-T11408
440K-T11409
MBB
440K-T11450
440K-T11465
440K-T11451
2 N.C.
2 N.O.
BBM
Standard
440K-T11174
440K-T11438
440K-T11410
Semi-Flex
440K-T11439
440K-T11412
440K-T11411
Fully-Flex
440K-T11440
440K-T11413
440K-T11414
440K-T11452
440K-T11416
440K-T11415
MBB
440K-T11453
440K-T11454
440K-T11455
4 N.C.
440K-T11441
440K-T11172
440K-T11417
Trojan 6 GD2
Front Entry
3 N.C.
1 N.O.
BBM
Standard
440K-T11418
440K-T11466
440K-T11419
Guide/Semi-Flex
440K-T11442
440K-T11420
440K-T11421
Guide/Fully-Flex
440K-T11443
440K-T11423
440K-T11422
440K-T11188
440K-T11444
440K-T11424
MBB
440K-T11456
440K-T11457
440K-T11458
2 N.C.
2 N.O.
BBM
Standard
440K-T11445
440K-T11425
440K-T11426
Guide/Semi-Flex
440K-T11446
440K-T11428
440K-T11427
Guide/Fully-Flex
440K-T11447
440K-T11429
440K-T11430
440K-T11459
440K-T11433
440K-T11434
MBB
440K-T11460
440K-T11461
440K-T11462
4 N.C.
440K-T11448
440K-T11432
440K-T11431
Recommended mating cable for Trojan 6, 2m (6.5ft). See page 15-10 for details and additional lengths.
889D-F8AB-2


Similar Part No. - 440K-T11444

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11463 ALLEN-BRADLEY-440K-T11463 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-T11444

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com