Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1397-A007N-HA2-DS050-PE Datasheet(PDF) 7 Page - Allen-Bradley

Part # 1397-A007N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-A007N-HA2-DS050-PE Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 1397-A007N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 10Page - Allen-Bradley 1397-A007N-HA2-DS050-PE Datasheet HTML 11Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1397
Digital DC Drive
Allen-Bradley
7
Line Reactors, IP00 (Open Style) – 380V, 50Hz
Line Reactors, IP00 (Open Style) – 415V, 50Hz
Drive
Catalog
Number
Drive Output
Input or Output Line Reactor
3% Impedance
5% Impedance
kW
Hp
Catalog Number
Catalog Number
U7F
1.8
2.4
1321-3R8-C
1321-3R8-D
U29F
9
12
1321-3R25-B
1321-3R25-C
U55F
17.9
24
1321-3R45-B
1321-3R45-C
U110F
35.8
48
1321-3R80-A
1321-3R80-B
U265F
89.5
120
1321-3R200-B
1321-3R200-C
Drive
Catalog
Number
Drive Output
Input or Output Line Reactor
3% Impedance
5% Impedance
kW
Hp
Catalog Number
Catalog Number
U7F
2.1
2.8
1321-3R8-C
1321-3R8-D
U29F
10.3
13.8
1321-3R25-B
1321-3R25-C
U55F
20.8
27.6
1321-3R45-B
1321-3R45-C
U110F
41.2
55.2
1321-3R80-A
1321-3R80-B
U265F
102.9
138
1321-3R200-B
1321-3R200-C


Similar Part No. - 1397-A007N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-A007N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com