Electronic Components Datasheet Search |
|
800Z-GF2065-K1 Datasheet(PDF) 4 Page - Allen-Bradley |
|
800Z-GF2065-K1 Datasheet(HTML) 4 Page - Allen-Bradley |
4 / 4 page Two-Hand Control Devices 11-5 Zero-Force Touch Buttons 800Z General Purpose Approximate Dimensions—mm (inches) Typical Wiring Diagram Applications Details LED Blink Rate Diagnostic Description ** ** ** Power Up Device touched during power-up. Device will resume 10 seconds after removal of hand. *** *** *** Noise Detection Device detected an unacceptable level of noise (>20V/m). Device will resume once noise subsides. **** **** **** Margin Detection A conductive film is building up on the sensing surface. Device will resume once cleared. General Purpose with Guards 48.3 (1.90) 69.9 (2.75) 40.9 (1.61) 30mm Version 39.4 (1.55) Mini Quick Disconnect 30mm Version 22.4 (0.88) Cable 40.9 (1.61) 40.9 (1.61) 22mm Version 35.1 (1.38) Micro Quick Disconnect 22mm Version 22.4 (0.88) Cable 40.9 (1.61) 56.9 (2.24) 129.3 (5.09) 129.3 (5.09) 110.3 (4.34) General Purpose ( + ) ( - ) ( + ) ( - ) Electrical Connections: 10...40V DC and 20...30V AC Input Voltage (Relay Output); 85...264V AC Input Voltage (Relay Output) Note: Separate N.O. and N.C. output relays with shared common. Electrical Connections: 10...30V DC Input Voltage (Transistor Output); 150mA max. per circuit output 5 Conductor Cabled (Relay Output) for 800Z-GL_ _ _ 4 Conductor Cabled Sinking (NPN) 4 Conductor Cabled Sourcing (NPN) Brown (+) L1 Blue (-) L2 Black (N.O.) White (N.C.) Gray (Common) Black (N.O.) White (N.C.) Load Brown (+) Blue (-) Load Black (N.O.) White (N.C.) Load Brown (+) Blue (-) Load |
Similar Part No. - 800Z-GF2065-K1 |
|
Similar Description - 800Z-GF2065-K1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |