Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1397-A050N-HA2-DS050-PE Datasheet(PDF) 8 Page - Allen-Bradley

Part # 1397-A050N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-A050N-HA2-DS050-PE Datasheet(HTML) 8 Page - Allen-Bradley

Back Button 1397-A050N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 10Page - Allen-Bradley 1397-A050N-HA2-DS050-PE Datasheet HTML 11Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1397
Digital DC Drive
8
Allen-Bradley
Isolation Transformers, Three-Phase – IP32, NEMA/UL Type 3R
➊ Note the discount schedule difference between Bulletin 1321 and 1397 products.
➋ kW ratings are based on rated input voltage.
1397 Drive
Output➋
Transformer
Output Rating Primary Voltage Secondary Voltage
kW (Hp)
kVA
Volts
230V AC
Catalog Number
460V AC
Catalog Number
1.2-2.2 (1.5-3) 5
230
1321-3TW005-AA
460
1321-3TW005-BA
3.7 (5)
7.5
230
1321-3TW007-AA
1321-3TW007-AB
460
1321-3TW007-BA
1321-3TW007-BB
5.5 (7.5)
11
230
1321-3TW011-AA
1321-3TW011-AB
460
1321-3TW011-BA
1321-3TW011-BB
7.5 (10)
14
230
1321-3TW014-AA
1321-3TW014-AB
460
1321-3TW014-BA
1321-3TW014-BB
11 (15)
20
230
1321-3TW020-AA
1321-3TW020-AB
460
1321-3TW020-BA
1321-3TW020-BB
15 (20)
27
230
1321-3TW027-AA
1321-3TW027-AB
460
1321-3TW027-BA
1321-3TW027-BB
18.5 (25)
34
230
1321-3TW034-AA
1321-3TW034-AB
460
1321-3TW034-BA
1321-3TW034-BB
22 (30)
40
230
1321-3TW040-AA
1321-3TW040-AB
460
1321-3TW040-BA
1321-3TW040-BB
30 (40)
51
230
1321-3TW051-AA
1321-3TW051-AB
460
1321-3TW051-BA
1321-3TW051-BB
37 (50)
63
230
1321-3TH063-AA
1321-3TH063-AB
460
1321-3TH063-BA
1321-3TH063-BB
45 (60)
75
230
1321-3TH075-AA
1321-3TH075-AB
460
1321-3TH075-AB
1321-3TH075-BB
56 (75)
93
230
1321-3TH093-AA
1321-3TH093-AB
460
1321-3TH093-BA
1321-3TH093-BB
75 (100)
118
230
1321-3TH118-AA
1321-3TH118-AB
460
1321-3TH118-BA
1321-3TH118-BB
93 (125)
145
230
1321-3TH145-AA
1321-3TH145-AB
460
1321-3TH145-BA
1321-3TH145-BB
112 (150)
175
230
1321-3TH175-AA
1321-3TH175-AB
460
1321-3TH175-BA
1321-3TH175-BB
149 (200)
220
230
1321-3TH220-AA
1321-3TH220-AB
460
1321-3TH220-BA
1321-3TH220-BB
187 (250)
275
230
1321-3TH275-AA
1321-3TH275-AB
460
1321-3TH275-BA
1321-3TH275-BB
224 (300)
330
230
1321-3TH330-AA
1321-3TH330-AB
460
1321-3TH330-BA
1321-3TH330-BB
298 (400)
440
230
1321-3TH440-AB
460
1321-3TH440-BB
373 (500)
550
230
1321-3TH550-AB
460
1321-3TH550-BB
448 (600)
660
230
1321-3TH660-AB
460
1321-3TH660-BB


Similar Part No. - 1397-A050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-A050N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com