Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1397-A150N-HA2-DS050-PE Datasheet(PDF) 11 Page - Allen-Bradley

Part # 1397-A150N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-A150N-HA2-DS050-PE Datasheet(HTML) 11 Page - Allen-Bradley

Back Button 1397-A150N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 10Page - Allen-Bradley 1397-A150N-HA2-DS050-PE Datasheet HTML 11Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1397
Digital DC Drive
Allen-Bradley
11
Accessories & Spare Parts
Description
Catalog Number
Blower Motor/Starter, 0.4-0.63A
1397-MB006
Blower Motor/Starter, 0.63-1.0A
1397-MB010
Blower Motor/Starter, 1.0-1.4A
1397-MB014
Blower Motor/Starter, 1.4-1.8A
1397-MB018
Blower Motor/Starter, 1.7-2.4A
1397-MB024
Blower Motor/Starter, 2.2-3.1A
1397-MB031
Blower Motor/Starter, 2.8-4.0A
1397-MB040
Blower Motor/Starter, 3.5-5.0A
1397-MB050
Blower Motor/Starter, 4.5-6.5A
1397-MB065
Blower Motor/Starter, 6.0-8.5A
1397-MB085
Blower Motor/Starter, 7.5-11.0A
1397-MB110
Pulse Encoder Interface
1397-PE
AC Tach Interface Module
1397-AC
Enhanced Field Supply for 230/460V & 10A
1397-FS3010
Enhanced Field Supply for 230/460V & 20A
1397-FS3020
Regulated Field Supply, 4A
1397-FS2004
Regulated Field Supply, 10A
1397-FS2010
Regulated Field Supply, 15A
1397-FS2015
Control Interface, 115V AC
1397-L10
I/O Expansion Card
1397-L11
1397-FC0300V Fuse Conv., 3-60 Hp @ 460V to 1.5-30 Hp @ 230V
1397-FC030
460V TO 230V Fuse Conv.,75-150 Hp @ 460 to 40-75 Hp @ 230
1397-FC075
Line Disconnect, 1.5-25 Hp @ 230V, 3-50 Hp @ 460V
1397-DS050
Line Disconnect, 30 Hp @ 230V, 60 Hp @ 460V
1397-DS060
Line Disconnect, 30-60 Hp @ 230V,75-125 Hp @ 460V
1397-DS125
Line Disconnect, 75 Hp @ 230V, 150 Hp @ 460
1397-DS150
Disconnect Switch, 200 Hp, 460V AC
1397-DS200
Disconnect Switch, 250-300 Hp,460V AC
1397-DS300
Disconnect Switch, 500 Hp @ 460V AC
1397-DS500
Disconnect Switch, 600 HP @ 460V AC
1397-DS600


Similar Part No. - 1397-A150N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-A150N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com