Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

898R-P68MT-A5 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 898R-P68MT-A5
Description  Safety Connection Systems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

898R-P68MT-A5 Datasheet(HTML) 1 Page - Allen-Bradley

  898R-P68MT-A5 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-8
Connection Systems
Safety Connection Systems
Safety Wired Distribution Box, 8-Port, Dual-Channel (2 N.C.) plus Individual N.O. Enunciation
Features
• Prewired for dual-channel N.C. safety plus individual N.O.
enunciation
• Eight 6-pin AC micro connectors
• 14-conductor main cable
• Individual enunciation outputs or each port
• For use in category 2 or 3 systems per EN 954-1
Product Selection
Approximate Dimensions—mm (inches)
See 8-port dimensions on page 15-5.
Wiring Diagrams
Face View of
Female (8)
Number of
Ports
Illuminated
Rating
Face View of Male
(1)
Cable Length—
m (ft)
Catalogue Number
8
LEDs
10-30V DC
Cable
5 (16.4)
898R-P68MT-A5
10 (32.8)
898R-P68MT-A10
Shorting Plug for unused ports
898R-61MU-RM
Patchcord, straight to straight DC Micro,
⊗ = length in meters 1, 2, 3, 5, 10 standard
889R-F6ECRM-
3
2
1
4
5
6
J1
J3
J5
J7
J2
J4
J6
J8
Cable Color Port (Contact)
N/Used
Blue -V
White Port J1(4)
Yellow Port J3(4)
Pink Port J5(4)
Grey/Pink Port J7(4)
Red/Blue Port J8(4)
Red Port J6(4)
Grey Port J4(4)
Green Port J2(4)
Brown +V
Red LED
Green LED
Red LED
Red LED
Red LED
Red LED
Red LED
Red LED
Red LED
Cable Color Port (Contact)
Yellow/Brown Port J1 (5)
Brown/Green Port J2 (1)
White/Green Port J1 (6)
White/Yellow Port J2 (6)
Specifications
Body
Red PBT
Connector Insert
PBT
Receptacle Shell
Nickel-plated brass
Contacts
Gold-plated palladium/nickel
Cable
Oil resistant yellow PVC jacket, (14)
18AWG conductors
Cable O.D.
9.8mm (0.39in)
Enclosure Rating
IP67, NEMA 6P
Temperature
-20°C to +105°C (-13°F to +221°F)


Similar Part No. - 898R-P68MT-A5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
898R-P68MT-A5 ALLEN-BRADLEY-898R-P68MT-A5 Datasheet
250Kb / 5P
   898D-43LY-D4
More results

Similar Description - 898R-P68MT-A5

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
898D-44KT-DM4 ALLEN-BRADLEY-898D-44KT-DM4 Datasheet
66Kb / 1P
   Safety Connection Systems
898D-P48JT-A5 ALLEN-BRADLEY-898D-P48JT-A5 Datasheet
70Kb / 1P
   Safety Connection Systems
898D-44LT-DM4 ALLEN-BRADLEY-898D-44LT-DM4 Datasheet
158Kb / 3P
   Safety Connection Systems
898D-41LU-DM ALLEN-BRADLEY-898D-41LU-DM Datasheet
35Kb / 1P
   Safety Connection Systems
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com