Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1336R-VB048-AA-HAP Datasheet(PDF) 3 Page - Allen-Bradley

Part # 1336R-VB048-AA-HAP
Description  Line Regeneration Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1336R-VB048-AA-HAP Datasheet(HTML) 3 Page - Allen-Bradley

  1336R-VB048-AA-HAP Datasheet HTML 1Page - Allen-Bradley 1336R-VB048-AA-HAP Datasheet HTML 2Page - Allen-Bradley 1336R-VB048-AA-HAP Datasheet HTML 3Page - Allen-Bradley 1336R-VB048-AA-HAP Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1336 REGEN
Line Regeneration Package
Allen-Bradley
3
User Installed Options
Gasket and Enclosure Kits
Human Interface Module (HIM) Kits - User Installed
Communication Option Kits
➊ Requires a Communication Option Cable (1202-C03/C10/C30/C90) to be functional. These units are not acceptable for NEMA Type 4 door mounting or UL Type
4X outdoor duty.
➋ Each Flex I/O SCANport Module requires (1) 1203-FB1 and (1) 1203-FM1.
➌ Adapter is programmed/configured with Windows
® HyperTerminal via RS-232 using the 1203-SFC cable, (purchased separately) or using a compatible network
specific software tool.
Description
Used with
Catalog Number
Gasket Kits for mounting 1336 REGEN
Converter Units in User Supplied IP 54 or 65
(NEMAType12or4) Encl.
Frame B
1336-RF4
Frame C
1336-RF5
Frame D
1336-RF6
Enclosure Kits for 1336 REGEN Converter
IP 20 (NEMA Type 1)
Frame B
1336R-AA4
Frame C
1336R-AA5
Frame D
1336R-AA6
Description
Used with . . .
Catalog Number
(Loose Kit)
IP 20 (NEMA Type 1) HIM
Blank - No Functionality
Programmer Only
All Open Chassis and IP 20
(NEMA Type 1) converter ratings 1201-HAB
1201-HAP
Option Cable Kit - Connect to HIM Cradle Port
0.33 Meters (1.1 Feet)
1 Meter (3.3 Feet)
3 Meter (9.8 Feet)
9 Meter (29.5 Feet)
All HIMs not mounted on the
converter chassis
1202-H03
1202-H10
1202-H30
1202-H90
Refer to the 1336 PLUS II Price List (publication number 1336F-PL001) for other options.
HIM
HIM
Cradle
Option Cable
1202-H03/H10/H30/H90
JOG
ESC
SEL
Description
Used with . . .
Catalog Number
(Loose Kit)
Remote Mounted (DIN Rail) – 115VAC
Requires 115VAC power supply
Single Point RIO
RS232/422/485, DF1 and DH485 Protocol
All Converter Ratings
1203-GD1➊
1203-GD2➊
Remote Mounted (DIN Rail) – 24V DC
Requires 24VDC power supply
Single Point RIO
RS232/422/485, DF1 and DH485 Protocol
DeviceNet™
Enhanced DeviceNet™
All Converter Ratings
1203-GK1➊
1203-GK2➊
1203-GK5➊
1203-GU6➊➌
ControlNet™ to SCANport Adapter
Remote Mounted (DIN Rail) – 24V DC
Requires 24VDC power supply
All Converter Ratings
1203-CN1➊➌
Flex™ I/O SCANport Module
Flex I/O Terminal Base
Flex I/O Module
Each FM1/FB1 combination provides a connection
for up to 2 drive products.
All Converter Ratings
1203-FB1➋
1203-FM1➊➋
Serial Flash Cable
Connects CN1, GU6 and SSS to a computer RS-
232 port for adapter programming and for
DriveTools32™ & DriveExplorer™ serial interface.
All Converter Ratings
1203-SFC
SLC™ Communication Module
(SLC 500 to SCANport Module)
Provides a connection for up to 3 drive products.
All Converter Ratings
1203-SM1➊
Smart Serial to SCANport Adapter
Includes 1203-SFC and 1202-C10 Cables
Serial Null Modem Adapter
All Converter Ratings
1203-SSS
1203-SNM
Universal Serial Bus™ (USB) Converter
Includes 2m USB, 20-HIM-H10 & 22-HIM-H10
Cables
All Drives
1203-USB
Mounts to
Drive Main
Control Board
GM1/GM2, GM5/GM6 – Typical Configuration
to PLC
Flex Modules
FB1 and FM1 – Typical Configuration
120/240V AC
Input
DIN Rail
Communication Module
RIO
SCANport
Comm
Status
to PLC
Option Cable to Drive
(1202-C03/C10/C30/C90)
GD1/GD2 – Typical Configuration
Input Voltage


Similar Part No. - 1336R-VB048-AA-HAP

ManufacturerPart #DatasheetDescription
logo
Heyco.
1336 HEYCO-1336 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
13360 HEYCO-13360 Datasheet
90Kb / 1P
   Blunt Rivets
13360 HEYCO-13360 Datasheet
90Kb / 1P
   Blunt Rivets
13361 HEYCO-13361 Datasheet
90Kb / 1P
   Blunt Rivets
13361 HEYCO-13361 Datasheet
90Kb / 1P
   Blunt Rivets
More results

Similar Description - 1336R-VB048-AA-HAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
   Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
   Regeneration Clamp
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
   SUPER-REGENERATION RECEIVER MODULE
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
W55RFS27T3 ETC2-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com