Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1397-B125N-HA2-DS050-PE Datasheet(PDF) 9 Page - Allen-Bradley

Part # 1397-B125N-HA2-DS050-PE
Description  Digital DC Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1397-B125N-HA2-DS050-PE Datasheet(HTML) 9 Page - Allen-Bradley

Back Button 1397-B125N-HA2-DS050-PE Datasheet HTML 3Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 4Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 5Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 6Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 7Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 8Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 9Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 10Page - Allen-Bradley 1397-B125N-HA2-DS050-PE Datasheet HTML 11Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1397
Digital DC Drive
Allen-Bradley
9
Communication Option Kits
➊ Requires a Communication Option Cable (1202-C03/C10/C30/C90) to be functional. These units are not acceptable for NEMA/UL Type 4 door mounting or UL
Type 4X outdoor duty.
➋ Adapter is programmed/configured via RS-232 using the 1203-SFC cable, (purchased separately) and using a compatible network specific software tool.
➌ Discount Schedule C2.
➍ Options mount separately from the drive chassis. For a more functionally complete description of each option, refer to publication 1397-BR001.
Description
Used with . . .
Catalog Number
(Loose Kit)
Remote Mounted (DIN Rail) – 115V AC
Requires 115V AC power supply
Single Point Remote I/O
RS232/422/485, DF1 and DH485 Protocol
All Drive Ratings
1203-GD1➊
1203-GD2➊
Remote Mounted (DIN Rail) – 24V DC
Requires 24V DC power supply
Single Point Remote I/O
RS232/422/485, DF1 and DH485 Protocol
DeviceNet™
Enhanced DeviceNet™
All Drive Ratings
1203-GK1➊
1203-GK2➊
1203-GK5➊
1203-GU6➊➋
ControlNet™ to SCANport Adapter➊➋
Remote Mounted (DIN Rail)
Requires 24VDC power supply
All Drive Ratings
1203-CN1➊➋
EtherNet/IP to SCANport Adapter➊➋
Remote Mounted (DIN Rail), 24V DC
Requires 24VDC power supply
AC to DC Power Receptacle
All Drive Ratings
1203-EN1➊➋
20-XCOMM-AC-PS1
Serial Flash Cable
Connects CN1, GU6 and SSS to a
computer RS-232 port for adapter
programming and for DriveTools32 &
DriveExplorer™ serial interface.
All Drive Ratings
1203-SFC
SLC™ Communication Module
(SLC 500 to SCANport Module)
Provides a connection for up to 3 drive
products.
All Drive Ratings
1203-SM1➊
Smart Self-powered Serial Converter
Includes 1203-SFC and 1202-C10 Cables
Serial Null Modem Adapter
All Drive Ratings
1203-SSS
1203-SNM
Universal Serial Bus™ (USB) Converter
Includes 2m USB, 20-HIM-H10 & 22-HIM-H10
Cables
All Drives
1203-USB
Communication Option Cable Kit
0.33 Meters (1.1 Feet)
1 Meter (3.3 Feet)
3 Meter (9.8 Feet)
9 Meter (29.5 Feet)
All Communication
Options Listed
1202-C03
1202-C10
1202-C30
1202-C90
SCANport Expander Module
One to Two
One to Four
One to Two Port Splitter Cable
All Drive Ratings
1203-SG2
1203-SG4
1203-S03
120/240V AC
Input
DIN Rail
Communication Module
RIO
Comm
Status
to Drive
to PLC
Option Cable 1202-C03/C10/C30/C90
GD1/GD2 – Typical Configuration
Input Voltage
SLC
SM1 – Typical Configuration
JOG
ESC
SEL
CN1 – Typical Configuration
JOG
ESC
SEL
JOG
ESC
SEL


Similar Part No. - 1397-B125N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1397 LINER-1397 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Heyco.
1397 HEYCO-1397 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
Weidmuller
1397160000 WEIDMULLER-1397160000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
1397160000 WEIDMULLER-1397160000 Datasheet
1Mb / 52P
   SAK-series
1397160000 WEIDMULLER-1397160000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
More results

Similar Description - 1397-B125N-HA2-DS050-PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
   Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
   Digital Servo Drive
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
   Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
   Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
   Digital Servo Drive
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com