Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

898R-61MU-RM Datasheet(PDF) 1 Page - Allen-Bradley

Part # 898R-61MU-RM
Description  Safety Connection Systems
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

898R-61MU-RM Datasheet(HTML) 1 Page - Allen-Bradley

  898R-61MU-RM Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-9
Connection Systems
Safety Connection Systems
Safety Wired Shorting Plug
Features
• Shorting plug designed for use with safety-wired distribution
boxes
• PVC body offers good oil and chemical resistance
• Ratcheting coupling nut on 4-pin models for vibration resistance
Product Selection
Approximate Dimensions—mm (inches)
Face View of Male
Rating
Configuration
Wiring
Catalogue Number
10-30V DC
4A
2 Normally Closed
898D-41LU-DM
1 Normally Closed,
1 Normally Open
898D-41KU-DM
2 Normally Closed,
1 Normally Open
898R-61MU-RM
1
4
3
2
Pin 2
Pin 3
Pin 1
Pin 4
Pin 2
Pin 3
Pin 1
Pin 4
NA
NA
4
3
2
1
5
6
Pin 2
Pin 3
Pin 1
Pin 4
Pin 5
NA
Pin 6
NA
M12 x 1 Thread (4-pin)
1/2in UNF thread (6-pin)
50 (1.97)
15
(0.57)
Dimensions are approximate. Illustrations are not drawn to scale.
Specifications
Coupling Nut
4-pin: epoxy-coated zinc
6-pin: nickel-plated brass
Connector
Red PVC
Connector Insert
PUR
Contacts
Brass, gold over nickel plating
O–Ring
Viton
Enclosure Rating
IP67, NEMA 6P
Temperature
-20°C to +105°C (-13°F to +221°F)


Similar Part No. - 898R-61MU-RM

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
898R-61MU-RM ALLEN-BRADLEY-898R-61MU-RM Datasheet
62Kb / 1P
   Safety Connection Systems
898R-61MU-RM ALLEN-BRADLEY-898R-61MU-RM Datasheet
250Kb / 5P
   898D-43LY-D4
More results

Similar Description - 898R-61MU-RM

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
898D-44KT-DM4 ALLEN-BRADLEY-898D-44KT-DM4 Datasheet
66Kb / 1P
   Safety Connection Systems
898R-P68MT-A5 ALLEN-BRADLEY-898R-P68MT-A5 Datasheet
62Kb / 1P
   Safety Connection Systems
898D-P48JT-A5 ALLEN-BRADLEY-898D-P48JT-A5 Datasheet
70Kb / 1P
   Safety Connection Systems
898D-44LT-DM4 ALLEN-BRADLEY-898D-44LT-DM4 Datasheet
158Kb / 3P
   Safety Connection Systems
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com