Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2033-C0300P-59K Datasheet(PDF) 7 Page - Allen-Bradley

Part # 2033-C0300P-59K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C0300P-59K Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 2033-C0300P-59K Datasheet HTML 3Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 4Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 5Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 6Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 7Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 8Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 9Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 10Page - Allen-Bradley 2033-C0300P-59K Datasheet HTML 11Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Safety Isolation System
12-7
ElectroGuard
Combination Systems with Fusible Disconnect Switch
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Cat. No. 2032-!0085J
⊗-26J becomes Cat. No. 2032-M0085J⊗-26J for “600A Line Side Incoming Bus and Outgoing Power Cables” bussing
designation.
⊗ Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2032-A0085J
⊗-26J becomes Catalogue Number 2032-A0085JB-26J for a 480V 60Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➋
➊ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➋ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
Type of Bussing ➊
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
M
1200A Line Side Incoming Bus and Outgoing Power Cables
S
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
F
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
B
Input Line Voltage
208V 60Hz
240V 60Hz
480V 60Hz
600V 60Hz
Voltage Code for Catalogue Number
HA
B
C
“System Isolated”
Light Colour
Catalogue Number
Type 1 General
Purpose Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight Painted
Steel Enclosure
Type 4X Watertight Stainless
Steel Enclosure
White
2030-RLSAW
2030-RLSJW
2030-RLSFW
2030-RLSCW


Similar Part No. - 2033-C0300P-59K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C0300P-59K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com