Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

700-SH05GA12 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 700-SH05GA12
Description  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH05GA12 Datasheet(HTML) 1 Page - Allen-Bradley

  700-SH05GA12 Datasheet HTML 1Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 2Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 3Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 4Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 5Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 6Page - Allen-Bradley 700-SH05GA12 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
51
Overview/Product Selection
Product Selection
➊ Maximum load current when mounted on a heat sink
Bulletin 700-SH
40 A (resistive) Max. Continuous Load (Output) Current with Heat Sink
264V AC or 528V AC Max. Load Voltage Range Options
5…24V DC, 100…120V AC, 200…240V AC Control Input Voltage
LED Indicator for Input/Logic ON/OFF Status Monitoring
Built-in Varistor to Absorb Most Surges
Protective Cover for Added Safety (Meets VDE 106 Finger Safe Standard)
Table Of Contents
Product Selection . . . . . . . 51
Accessories . . . . . . . . . . . . 52
Specifications . . . . . . . . . . 53
Approximate
Dimensions . . . . . . . . . . . . 56
Basic Application
Considerations . . . . . . . . . 57
Input-to-Output
Isolation
Method
Zero Cross
Function
LED
Indicator
Rated Output (Load)
Max. Current and
Voltage Range ➊
Rated Input
Control Voltage
Cat. No.
Factory-
Stocked
Item
(Single
Pack)
Phototriac
Yes
Yes
5…24V DC
700-SH05GZ25
Photocoupler
5 A @ 24…240V AC
100…120V AC
700-SH05GA12
200…240V AC
700-SH05GA22
Phototriac
5…24V DC
700-SH10GZ25
Photocoupler
10 A @ 24…240V AC
100…120V AC
700-SH10GA12
200…240V AC
700-SH10GA22
10 A @ 200…480V AC
5…24V DC
700-SH10HZ25
Phototriac
5…24V DC
700-SH25GZ25
Photocoupler
25 A @ 24…240V AC
100…120V AC
700-SH25GA12
200…240V AC
700-SH25GA22
Photocoupler
25 A @ 200…480V AC
5…24V DC
700-SH25HZ25
Phototriac
40 A @ 24…240V AC
5…24V DC
700-SH40GZ25
100…120V AC
700-SH40GA12
Photocoupler
200…240V AC
700-SH40GA22
40 A @ 200…480V AC
5…24V DC
700-SH40HZ25


Similar Part No. - 700-SH05GA12

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Similar Description - 700-SH05GA12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com