Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

700-SE20GZZ12 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 700-SE20GZZ12
Description  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SE20GZZ12 Datasheet(HTML) 3 Page - Allen-Bradley

  700-SE20GZZ12 Datasheet HTML 1Page - Allen-Bradley 700-SE20GZZ12 Datasheet HTML 2Page - Allen-Bradley 700-SE20GZZ12 Datasheet HTML 3Page - Allen-Bradley 700-SE20GZZ12 Datasheet HTML 4Page - Allen-Bradley 700-SE20GZZ12 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bulletin 700-SE
Solid-State Relays
44
Specifications
➊ Each 5 A, 10 A, and 20 A model has 5V DC, 12V DC, and 24V DC input versions.
➋ Refer to "Load Current Vs. Ambient Temperature Characteristics" graphs page 45 regarding maximum load current with and without heat sinks.
➌ If the SSR operation is continuous ON/OFF, this value should be reduced by 50%. Refer to the “Inrush Current Resistivity” graphs on page 45 for more details.
Control/Input Ratings ➊
Cat. No.
Rated
Control
Voltage
Operating Control
Voltage Range
Input Impedance
Control Voltage Levels
With Zero
Cross Function
Without Zero
Cross
Function
Pick-up Voltage
Drop-out Voltage
700-SE_ _ _Z05
5V DC
4…6V DC
250
Ω ± 20%
300
Ω ± 20%
4V DC max.
1V DC min.
700-SE_ _ _Z12
12V DC
9.6…14.4V DC
600
Ω ± 20%
800
Ω ± 20%
9.6V DC max.
700-SE_ _ _Z24
24V DC
19.2…28.8V DC
1.6k
Ω ± 20%
19.2V DC max.
Load/Output Ratings
Cat. No.
Applicable Load
Rated Load Voltage
Load Voltage Range
Continuous Load Current (Resistive)
Max. Inrush Current
With Heat Sink ➋
Without Heat Sink ➋
Min.
Max.
Min.
Max.
700-SE05…
100…240V AC
75…264V AC
0.1 A
5 A
0.1 A
5 A
60 A (@50/60 Hz,
1 cycle)
700-SE10…
0.1 A
10 A
0.1 A
5 A
150 A (@50/60 Hz,
1 cycle)
700-SE20…
0.1 A
20 A
0.1 A
5 A
220 A (@50/60 Hz,
1 cycle)
Characteristics
Item
700-SE_ _ _Z…
700-SE_ _ _N…
Load Switching Method/Device
Triac
Pick-up time
1/2 of load power source cycle + 1 ms max.
1 ms max.
Drop-out time
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS) max.
Output Leakage current
5 mA max. (at 100V AC)
10 mA max. (at 200V AC)
Output VDRM VCEO (V)
600
600
Output di/dt (A/uS)
SE05GZ=100
SE10GZ & SE20 GZ =50
SE05GN=100
SE10 GN & SE20GN =50
Output dv/dt (V/uS)
SE05GZ=200, SE10GZ=500, SE20GZ=100
SE05GN =200, SE10GN =500, SE20GN
=100
Output I2t (A2S)
SE05GZ =24.5, SE10GZ =60, SE20GZ =260
SE05GN =24.5, SE10GN =60, SE20GN =260
Output Tj (°C) max.
125
125
Insulation resistance
100 M
Ω min. (at 500V DC)
Dielectric strength
2,000V AC, 50/60 Hz for 1 min.
Vibration resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock resistance (max.)
1,000 m/s2
(100 G)
Ambient temperature
Operating: –30…80
°C (–22…176°F) with no icing or condensation
Storage: –30…100
°C (–22…212°F) with no icing or condensation
Ambient humidity
Operating
45…85% (no condensation)
Standards
UL 508, CSA C22.2 , TUV, CE
Weight
Approx. 37 g


Similar Part No. - 700-SE20GZZ12

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Similar Description - 700-SE20GZZ12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com