Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2033-C0180H-52K Datasheet(PDF) 11 Page - Allen-Bradley

Part # 2033-C0180H-52K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C0180H-52K Datasheet(HTML) 11 Page - Allen-Bradley

Back Button 2033-C0180H-52K Datasheet HTML 7Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 8Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 9Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 10Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 11Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 12Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 13Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 14Page - Allen-Bradley 2033-C0180H-52K Datasheet HTML 15Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Safety Isolation System
12-11
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Catalogue String to the end of the Catalogue Number shown in the
table:
Example: Catalogue Number 2033-A0180A
-50 becomes Catalogue Number 2033-A0180A-50-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2033*-A0630A
-60 becomes Catalogue Number 2033T-A0630A-60 for a “Top Feed” input power requirement.
➊ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. Consult your local Rockwell Automation sales office for other time settings.
Ampere
Rating
(AC-3)
3-Phase Max. Hp Rating
(60Hz)
Catalogue Number
200V 230V 460V 575V
Type 1 General
Purpose
Enclosure
Type 12
Dust tight
Enclosure
Type 12 Motor
Control Centre
Type Enclosure
(with bussing)
Type 4 Watertight
Painted Steel
Enclosure
Type 4X
Watertight
Stainless Steel
Enclosure
300
--
175
-
2033-A0300A
⊗-53
2033-A0300J
⊗-53
2033-!0300J
⊗-53
2033-A0300F
⊗-53
2033-A0300C
⊗-53
--
200
-
2033-A0300A
⊗-54
2033-A0300J
⊗-54
2033-!0300J
⊗-54
2033-A0300F
⊗-54
2033-A0300C
⊗-54
-
-
250
250
2033-A0300A
⊗-56
2033-A0300J
⊗-56
2033-!0300J
⊗-56
2033-A0300F
⊗-56
2033-A0300C
⊗-56
-
-
-
300
2033-A0300A
⊗-57
2033-A0300J
⊗-57
2033-!0300J
⊗-57
2033-A0300F
⊗-57
2033-A0300C
⊗-57
420
125
-
-
-
2033-A0420A
⊗-51
2033-A0420J
⊗-51
2033-!0420J
⊗-51
2033-A0420F
⊗-51
2033-A0420C
⊗-51
150
150
-
-
2033-A0420A
⊗-52
2033-A0420J
⊗-52
2033-!0420J
⊗-52
2033-A0420F
⊗-52
2033-A0420C
⊗-52
-
175
-
-
2033-A0420A
⊗-53
2033-A0420J
⊗-53
2033-!0420J
⊗-53
2033-A0420F
⊗-53
2033-A0420C
⊗-53
--
300
-
2033-A0420A
⊗-57
2033-A0420J
⊗-57
2033-!0420J
⊗-57
2033-A0420F
⊗-57
2033-A0420C
⊗-57
-
-
350
350
2033-A0420A
⊗-58
2033-A0420J
⊗-58
2033-!0420J
⊗-58
2033-A0420F
⊗-58
2033-A0420C
⊗-58
-
-
-
400
2033-A0420A
⊗-59
2033-A0420J
⊗-59
2033-!0420J
⊗-59
2033-A0420F
⊗-59
2033-A0420C
⊗-59
630
175
-
-
-
2033*-A0630A
⊗-53 2033*-A0630J⊗-53
2033-!0630J
⊗-53
2033*-A0630F
⊗-53
2033*-A0630C
⊗-53
200
200
-
-
2033*-A0630A
⊗-54 2033*-A0630J⊗-54
2033-!0630J
⊗-54
2033*-A0630F
⊗-54
2033*-A0630C
⊗-54
-
250
-
-
2033*-A0630A
⊗-56 2033*-A0630J⊗-56
2033-!0630J
⊗-56
2033*-A0630F
⊗-56
2033*-A0630C
⊗-56
--
400
-
2033*-A0630A
⊗-59 2033*-A0630J⊗-59
2033-!0630J
⊗-59
2033*-A0630F
⊗-59
2033*-A0630C
⊗-59
-
-
450
450
2033*-A0630A
⊗-60 2033*-A0630J⊗-60
2033-!0630J
⊗-60
2033*-A0630F
⊗-60
2033*-A0630C
⊗-60
-
-
500
500
2033*-A0630A
⊗-61 2033*-A0630J⊗-61
2033-!0630J
⊗-61
2033*-A0630F
⊗-61
2033*-A0630C
⊗-61
-
-
-
600
2033*-A0630A
⊗-62 2033*-A0630J⊗-62
2033-!0630J
⊗-62
2033*-A0630F
⊗-62
2033*-A0630C
⊗-62
860
250
-
-
-
2033*-A0860A
⊗-56 2033*-A0860J⊗-56
2033-!0860J
⊗-56
2033*-A0860F
⊗-56
2033*-A0860C
⊗-56
-
300
-
-
2033*-A0860A
⊗-57 2033*-A0860J⊗-57
2033-!0860J
⊗-57
2033*-A0860F
⊗-57
2033*-A0860C
⊗-57
--
600
-
2033*-A0860A
⊗-62 2033*-A0860J⊗-62
2033-!0860J
⊗-62
2033*-A0860F
⊗-62
2033*-A0860C
⊗-62
-
-
-
700
2033*-A0860A
⊗-63 2033*-A0860J⊗-63
2033-!0860J
⊗-63
2033*-A0860F
⊗-63
2033*-A0860C
⊗-63
1200
300
-
-
-
2033*-A1200A
⊗-57 2033*-A1200J⊗-57
2033-!1200J
⊗-57
2033*-A1200F
⊗-57
2033*-A1200C
⊗-57
350
350
-
-
2033*-A1200A
⊗-58 2033*-A1200J⊗-58
2033-!1200J
⊗-58
2033*-A1200F
⊗-58
2033*-A1200C
⊗-58
400
400
-
-
2033*-A1200A
⊗-59 2033*-A1200J⊗-59
2033-!1200J
⊗-59
2033*-A1200F
⊗-59
2033*-A1200C
⊗-59
450
450
-
-
2033*-A1200A
⊗-60 2033*-A1200J⊗-60
2033-!1200J
⊗-60
2033*-A1200F
⊗-60
2033*-A1200C
⊗-60
-
-
900
900
2033*-A1200A
⊗-66 2033*-A1200J⊗-66
2033-!1200J
⊗-66
2033*-A1200F
⊗-66
2033*-A1200C
⊗-66
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B


Similar Part No. - 2033-C0180H-52K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C0180H-52K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com