Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3464 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3464_1 Datasheet HTML 7Page - Linear Technology LT3464_1 Datasheet HTML 8Page - Linear Technology LT3464_1 Datasheet HTML 9Page - Linear Technology LT3464_1 Datasheet HTML 10Page - Linear Technology LT3464_1 Datasheet HTML 11Page - Linear Technology LT3464_1 Datasheet HTML 12Page - Linear Technology LT3464_1 Datasheet HTML 13Page - Linear Technology LT3464_1 Datasheet HTML 14Page - Linear Technology LT3464_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3464
11
3464f
Board Layout Considerations
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signal of the SW
APPLICATIO S I FOR ATIO
Figure 6. Recommended Layout
pin has sharp rising and falling edges. Minimize the length
and area of all traces connected to the SW pin and always
use a ground plane under the switching regulator to
minimize interplane coupling. In addition, the ground
connection for the feedback resistor R1 should be tied
directly to the GND pin and not shared with any other
component, ensuring a clean, noise-free connection. Rec-
ommended component placement is shown in Figure 6.
GND
GND
VOUT
VIN
VIAS TO GROUND PLANE
VIA TO CONTROL
VIA TO SHDN
3464 F07


Similar Part No. - LT3464_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
More results

Similar Description - LT3464_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473 LINER-LT3473_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com