Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3466-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3466-1
Description  White LED Driver and Boost Converter in 3mm3mm DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466-1 Datasheet(HTML) 3 Page - Linear Technology

  LT3466-1 Datasheet HTML 1Page - Linear Technology LT3466-1 Datasheet HTML 2Page - Linear Technology LT3466-1 Datasheet HTML 3Page - Linear Technology LT3466-1 Datasheet HTML 4Page - Linear Technology LT3466-1 Datasheet HTML 5Page - Linear Technology LT3466-1 Datasheet HTML 6Page - Linear Technology LT3466-1 Datasheet HTML 7Page - Linear Technology LT3466-1 Datasheet HTML 8Page - Linear Technology LT3466-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3466-1
34661f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT1 Overvoltage Threshold
39.5
V
VOUT2 Overvoltage Threshold
39.5
V
Schottky 1 Forward Drop
ISCHOTTKY1 = 300mA
0.85
V
Schottky 2 Forward Drop
ISCHOTTKY2 = 300mA
0.85
V
Schottky 1 Reverse Leakage
VOUT1 = 20V
5
µA
Schottky 2 Reverse Leakage
VOUT2 = 20V
5
µA
Soft-Start Time (Switcher 1)
600
µs
Soft-Start Time (Switcher 2)
600
µs
ELECTRICAL CHARACTERISTICS The denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3466-1E is guaranteed to meet specified performance
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating range
are assured by design, characterization and correlation with statistical
process controls.
Note 3: Current flows out of the pin.
Note 4: Guaranteed by design and test correlation, not production tested.
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Waveforms
(LED Driver)
Switching Waveforms
(Boost Converter)
VFB1 vs VCTRL1
VOUT1
100mV/DIV
(AC-COUPLED)
VSW1
20V/DIV
IL1
100mA/DIV
VIN = 3.6V
0.5
µs/DIV
34661 G01
6 LEDs AT 20mA
CIRCUIT OF FIGURE 1
VOUT2
100mV/DIV
(AC-COUPLED)
VSW2
20V/DIV
IL2
100mA/DIV
VIN = 3.6V
0.5
µs/DIV
34661 G02
VOUT2 = 16V/30mA
CIRCUIT OF FIGURE 1
VCTRL1 (V)
0
100
150
2
34661 G03
50
0
0.5
1
1.5
250
200
VIN = 3.6V
6 LEDs
VFB2 vs VCTRL2
VCTRL2 (V)
0
400
600
2
34661 G16
200
300
500
100
0
0.5
1
1.5
900
800
700
VIN = 3.6V
VOUT2 = 16V
TA = 25°C unless otherwise specified


Similar Part No. - LT3466-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
More results

Similar Description - LT3466-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com