Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBRX Datasheet(PDF) 1 Page - Linear Technology

Part # LBRX
Description  White LED Driver and Boost Converter in 3mm3mm DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBRX Datasheet(HTML) 1 Page - Linear Technology

  LBRX Datasheet HTML 1Page - Linear Technology LBRX Datasheet HTML 2Page - Linear Technology LBRX Datasheet HTML 3Page - Linear Technology LBRX Datasheet HTML 4Page - Linear Technology LBRX Datasheet HTML 5Page - Linear Technology LBRX Datasheet HTML 6Page - Linear Technology LBRX Datasheet HTML 7Page - Linear Technology LBRX Datasheet HTML 8Page - Linear Technology LBRX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3466-1
34661f
White LED Driver and Boost
Converter in 3mm
× 3mm
DFN Package
Figure 1. Li-Ion Powered Driver for 6 White LEDs and OLED Display
Drives Up to 10 White LEDs from a 3.6V Supply
Two Independent Step-Up DC/DC Converters
Independent Dimming and Shutdown Control
of the Outputs
±1.5% Output Voltage Accuracy (Boost Converter)
±4% LED Current Programming Accuracy
Internal Schottky Diodes
Internal Soft-Start Eliminates Inrush Current
Output Overvoltage Protection (39.5V Max VOUT)
Fixed Frequency Operation Up to 2MHz
83% Efficiency Driving 8 White LEDs at 15mA
from a 3.6V Supply
Wide Input Voltage Range: 2.7V to 24V
Tiny (3mm
× 3mm) 10-Lead DFN Package
White LED and OLED Displays
Digital Cameras, Sub-Notebook PCs
PDAs, Handheld Computers
TFT - LCD Bias Supply
Automotive
LT
®3466-1 is a dual switching regulator that combines a
white LED driver and a boost converter in a low profile,
small footprint (3mm
× 3mm × 0.75mm) DFN package.
The LED driver can be configured to drive up to 10 White
LEDs in series and the boost converter can be used for
generating the LCD bias voltages or driving a secondary
OLED display. Series connection of the LEDs provides
identical LED currents resulting in uniform brightness and
eliminating the need for ballast resistors and expensive
factory calibration.
The LT3466-1 provides independent dimming and shut-
down control of the two converters. The operating fre-
quency can be set with an external resistor over a 200kHz
to 2MHz range. The white LED driver features a low 200mV
reference, thereby minimizing power loss in the current
setting resistor for better efficiency. The boost converter
achieves
±1.5% output voltage accuracy by the use of a
precision 0.8V reference. Protection features include out-
put overvoltage protection and internal soft-start. Wide
input supply range allows operation from 2.7V to 24V.
3V TO 5V
16V
30mA
33
µH
1
µF
1
µF1µF
6 LEDs
33
µH
SHUTDOWN
AND DIMMING
CONTROL 2
SHUTDOWN
AND DIMMING
CONTROL 1
10
24.9k
475k
34661 F01a
63.4k
CTRL1
GND
CTRL2
RT
SW1
SW2
VIN
LT3466-1
VOUT1
FB1
VOUT2
FB2
Conversion Efficiency
OUTPUT CURRENT (mA)
0
70
75
30
25
20
34661 F01b
60
50
65
55
510
15
90
85
80
BOOST CONVERTER
LED DRIVER
VIN = 3.6V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LBRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBR-123 ETC-LBR-123 Datasheet
194Kb / 4P
   Reflective Object Sensor
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
LETEX TECHNOLOGY CORP.
LBR-123 LETEX-LBR-123 Datasheet
359Kb / 3P
   Reflective Object Sensor
LBR-123F LETEX-LBR-123F Datasheet
223Kb / 2P
   Reflective Object Sensor
logo
List of Unclassifed Man...
LBR-123S ETC-LBR-123S Datasheet
194Kb / 4P
   Reflective Object Sensor
More results

Similar Description - LBRX

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
   Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com