Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3467 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology LT3467 Datasheet HTML 10Page - Linear Technology LT3467 Datasheet HTML 11Page - Linear Technology LT3467 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3467/LT3467A
8
3467afd
APPLICATIONS INFORMATION
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multi-layer ceramic capacitors are an excellent choice,
as they have extremely low ESR and are available in very
small packages. X5R dielectrics are preferred, followed
by X7R, as these materials retain the capacitance over
wide voltage and temperature ranges. A 4.7μF to 15μF
output capacitor is sufficient for most applications, but
systems with very low output currents may need only a
1μF or 2.2μF output capacitor. Solid tantalum or OS-CON
capacitors can be used, but they will occupy more board
area than a ceramic and will have a higher ESR. Always
use a capacitor with a sufficient voltage rating.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the LT3467. A 1μF to 4.7μF input capacitor
is sufficient for most applications. Table 2 shows a list
of several ceramic capacitor manufacturers. Consult the
manufacturers for detailed information on their entire
selection of ceramic parts.
Table 2. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
The decision to use either low ESR (ceramic) capacitors
or the higher ESR (tantalum or OS-CON) capacitors can
affect the stability of the overall system. The ESR of any
capacitor, along with the capacitance itself, contributes
a zero to the system. For the tantalum and OS-CON ca-
pacitors, this zero is located at a lower frequency due to
the higher value of the ESR, while the zero of a ceramic
capacitor is at a much higher frequency and can generally
be ignored.
A phase lead zero can be intentionally introduced by placing
a capacitor (C4) in parallel with the resistor (R1) between
VOUT and VFB as shown in Figure 2. The frequency of the
zero is determined by the following equation.
ƒ=
Z
RC
1
21
4
π ••
By choosing the appropriate values for the resistor and
capacitor, the zero frequency can be designed to improve
the phase margin of the overall converter. The typical
target value for the zero frequency is between 35kHz
to 55kHz. Figure 3 shows the transient response of the
step-up converter from Figure 8 without the phase lead
capacitor C4. Although adequate for many applications,
phase margin is not ideal as evidenced by 2-3 “bumps”
in both the output voltage and inductor current. A 22pF
capacitor for C4 results in ideal phase margin, which is
revealed in Figure 4 as a more damped response and less
overshoot.
Diode Selection
A Schottky diode is recommended for use with the LT3467
and the LT3467A. The Philips PMEG 2005 is a very good
choice. Where the switch voltage exceeds 20V, use the
PMEG 3005 (a 30V diode). Where the switch voltage
exceeds 30V, use the PMEG 4005 (a 40V diode). These
diodes are rated to handle an average forward current of
0.5A. In applications where the average forward current
of the diode exceeds 0.5A, a Philips PMEG 2010 rated at
1A is recommended. For higher efficiency, use a diode
with better thermal characteristics such as the On Semi-
conductor MBRM120 (a 20V diode) or the MBRM140 (a
40V diode).


Similar Part No. - LT3467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3467 LINER-LT3467 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Integrated Syste...
LT3467 LINEAR-LT3467 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
More results

Similar Description - LT3467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com