Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440A-A17029 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440A-A17029
Description  Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440A-A17029 Datasheet(HTML) 4 Page - Allen-Bradley

  440A-A17029 Datasheet HTML 1Page - Allen-Bradley 440A-A17029 Datasheet HTML 2Page - Allen-Bradley 440A-A17029 Datasheet HTML 3Page - Allen-Bradley 440A-A17029 Datasheet HTML 4Page - Allen-Bradley 440A-A17029 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Accessories
14-5
440K-A11095...440K-A17116
Item
Description
Approximate Dimensions—mm (inches)
Catalogue Number
Trojan 5 and Trojan 6
Standard Actuator
(Standard Model Only)
440K-A11095
Trojan/440G-MT/TLS-
GD2/MT-GD2
Flat Actuator
440K-A11112
Replacement
Alignment Guide
440K-A11115
Trojan
Alignment Guide with
Semi-Flexible Actuator
(Discard the Alignment
Guide for GD2)
440K-A11144
Trojan T15
Standard Actuator
(Standard model only)
440K-A11238
440G-MT/TLS-GD2/
Trojan/MT-GD2
Extended Flat Actuator
440K-A17116
3.5
(0.14)
14.5
(0.57)
17.5 (0.69)
40 (1.57)
52 (2.05)
Mounting Holes
for M5 Screws
5
(0.2)
3.5
(0.14)
17.5
(0.69)
25
(0.98)
57
(2.24)
36
(1.42)
35 29
20.7
32.7
52.0 (2.04)
20.7
(0.81)
32.7 (1.29)
35 29
15.5 (0.61)
14
(0.55)
46.5
(1.83)
8.5 (0.33)
14 (0.55)
20.7
32.7
52.0 (2.04)
20.7
(0.81)
32.7 (1.29)
55.5 (2.18)
40 (1.57)
3.5 (0.14)
40 (1.57)
52 (2.05)
14.5
(0.57)
17.5 (0.69)
M5 CSK
4
(0.16) 31.2
(1.23)
8 (0.31)
36 (1.41)
3 (0.11)
15 (0.59)
20
(0.78)
5.2 (0.2) Dia. 2 places
17.5 (0.68)
10.8
(0.42)
7.0
(0.27)
70
(2.75)
32.2
(1.26)


Similar Part No. - 440A-A17029

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440A-A17094 ALLEN-BRADLEY-440A-A17094 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440A-A17029

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com