Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100S-D180X22C Datasheet(PDF) 2 Page - Allen-Bradley

Part # 100S-D180X22C
Description  Safety Contactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

100S-D180X22C Datasheet(HTML) 2 Page - Allen-Bradley

  100S-D180X22C Datasheet HTML 1Page - Allen-Bradley 100S-D180X22C Datasheet HTML 2Page - Allen-Bradley 100S-D180X22C Datasheet HTML 3Page - Allen-Bradley 100S-D180X22C Datasheet HTML 4Page - Allen-Bradley 100S-D180X22C Datasheet HTML 5Page - Allen-Bradley 100S-D180X22C Datasheet HTML 6Page - Allen-Bradley 100S-D180X22C Datasheet HTML 7Page - Allen-Bradley 100S-D180X22C Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9-10
Contactors & Control Relays
Safety Contactors
100S-D
Product Selection
3-pole AC Contactors
• Conventional and Electronic AC Coils
• 3 Main Contacts
• Non-Reversing
AC Coil Voltage Code
The Catalogue Number as listed is incomplete. Select a coil voltage code from the table below to complete the Catalogue Number. Example: 120V 60 Hz:
Catalogue Number 104S-C09
⊗210C becomes Catalogue Number 104S-C09D210C.
The N.C. contacts meet IEC 60947-4 Annex F requirements to mirror contact performance. The N.C. mirror contacts are wired in series or parallel and must
be used as monitoring contacts with feedback to the safety circuit.
Signal voltage of the Cat. No. 100S-D… electronic interface:Ue: 24V DC/Ie: 15 mA
Pick-Up Voltage: 13.0V DC…30.2V DC
Drop-Out Voltage: -3.0V DC…+5.0V DC
Higher kW rating only applies to contactors with electronic coil.
Ie [A]
Switching of 3-Phase Motors—AC-2, AC-3
Auxiliary Contacts
Catalogue Number
60°C
40°C
kW (50 Hz)
Hp (60 Hz)
N.O.
N.C. ➊
AC-3 AC-1 230V 400V 415V
500V
690V
1000V 200V 230V 460V 575V
95
160
25
50
50
55
80
45
25
30
60
75
2
2
100S-D95
⊗22C
110
160
32
55
55
63
100
55
40
40
75
100
2
2
100S-D110
⊗22C
140
250
45
75
75
80/90➌
110/132➌
75
40
50
100
125
2
2
100S-D140
⊗22C
180
250
55
90
100
90/110➌ 132/160➌
90
50
60
150
150
2
2
100S-D180
⊗22C
210
350
63
110
110
150
200
110
60
75
150
200
2
2
100S-D210
⊗22C
250
350
80
132
150
160
250
133
75
100
200
250
2
2
100S-D250
⊗22C
300
450
90
160
160
200
300
163
100
125
250
300
2
2
100S-D300
⊗22C
420
500
132
220
250
300
425
225
150
175
350
400
2
2
100S-D420
⊗22C
630
800
200
355
355
450
500
425
200
250
500
600
2
2
100S-D630
⊗22C
860
1000
250
500
500
560
600
425
250
300
600
700
2
2
100S-D860
⊗22C
Conventional Coil
V
24
48
100
110
120
200
208
220…
230
230
240
277
380…
400
415
440
480
500
550
600
100S-D95…
100S-D180
50 Hz
K
Y
D
A
T
N
B
G
M
C
60 Hz
J
X
D
H
A
T
N
B
C
100S-D95…
100S-D110
50/60 Hz
KJ
KP
KN
KG
KF
KA
—————
Electronic Coil
w/PLC Interface ➋
V24
42…
64
100
110…
130
200
208…
277
380…
415
440…
480
500
600
100S-D95…
100S-D250
50/60 Hz
EJ
EY
EP
ED
EG
EA
EN
EN
EN
100S-D300…
100S-D420
50/60 Hz
EY
EP
ED
EG
EA
EN
EN
EN
100S-D630…
100S-D860
50/60 Hz
EP
ED
EG
EA
EN
EB
EM
EC


Similar Part No. - 100S-D180X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
100S-C ALLEN-BRADLEY-100S-C Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-05BC ALLEN-BRADLEY-100S-C09-05BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-14BC ALLEN-BRADLEY-100S-C09-14BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-304BC ALLEN-BRADLEY-100S-C09-304BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

Similar Description - 100S-D180X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
104S-C ALLEN-BRADLEY-104S-C Datasheet
39Kb / 2P
   Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Zhejiang DongYa Electro...
ZLJM-250C DONGYA-ZLJM-250C Datasheet
305Kb / 1P
   Latch contactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com