Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440A-A17125 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440A-A17125
Description  Cable (Rope) Pull Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440A-A17125 Datasheet(HTML) 1 Page - Allen-Bradley

  440A-A17125 Datasheet HTML 1Page - Allen-Bradley 440A-A17125 Datasheet HTML 2Page - Allen-Bradley 440A-A17125 Datasheet HTML 3Page - Allen-Bradley 440A-A17125 Datasheet HTML 4Page - Allen-Bradley 440A-A17125 Datasheet HTML 5Page - Allen-Bradley 440A-A17125 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-8
Emergency Stop Devices
Cable (Rope) Pull Switches
Lifeline 4
Description
The Lifeline 4 cable/push button operated system can be installed
along or around awkward machinery such as conveyors and provide
a constant emergency stop access.
The Lifeline 4 is the only device of its kind to incorporate the
following features in one unit making it the most versatile cable
switch on the market.
1. The positive mode mechanism ensures that the contacts are
immediately latched open on actuation and can only be reset by
the intentional action of turning the blue reset knob. The design
also protects against nuisance tripping and the effects of thermal
expansion.
2. A mushroom head emergency stop button is included on the unit
to provide E-Stop access even at the extreme ends of the span.
3. The cable status indicator makes the system easy to set up and
maintain for spans up to 125 meters.
4. Four sets of contacts are provided: 2 N.C. + 2 N.O., 3 N.C. +
1 N.O., or 4 N.C. contacts.
5. Sealed to IP 66 with rugged construction using die cast alloy and
stainless steel to withstand harsh conditions.
Features
• Switches up to 125 meter span
• Universal mounting and operation
• Lid mounted emergency stop button, designed to conform to
EN418
• Switch lockout on cable pulled and cable slack
• Cable status indicator on switch lid
Lid mounted E-Stop button
A mushroom head emergency stop
button is included on the unit to
provide total E-Stop access even at
the extreme ends of the span.
Cable status indicator on
lid
The cable status indicator makes
the system easy to setup and
maintain for spans up to 125
meters.
Specifications
Standards
EN60947-5-5, ISO13850, ISOTR 12100,
IEC 60947-5-1, EN 418
Approvals
CE marked for all applicable directive,
cULus and BG
Safety Contact
2 N.C. or 3 N.C. or 4 N.C. direct
opening action
Designation/Utilization Cat.
A600/AC-15 (Ue)
(Ie)
N600/DC-13 (Ue)
(Ie)
600V 500V 240V 120V
1.2A 1.4A 3A 6A
600V 500V 250V 125V
0.4A 0.55A 1.1A 2.2A
Thermal Current (lth)
10A
Minimum Current
5V 5mA
Safety Contact Gap
>2 x 2mm (0.078in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand
Voltage
(Uimp) 2500V
Pollution Degree
3
Max. Actuation Frequency
1 Cycle per sec
Case Material
Heavy duty die cast alloy
Eye Nut Material
Stainless Steel
Emergency Stop & Indicator
Material
Acetal
Protection
IP66
Conduit Entry
3 x M20, 3 x 1/2in NPT, quick-
disconnect style
Operating Temperature
-25°C to 80°C (-13°F to 176°F)
Operation Force
<125N (300mm deflection;
28.1lb deflection)
Max Cable Span Between
Switches
75m (246ft) standard model
75m to 125m extended length model
Fixing
4 x M5
Mounting
Any position
Mechanical Life
1,000,000
Weight
630g (1.38lb)
Colour
Yellow body, Red E-Stop button,
Blue reset button
Important: It is recommended that the LRTS (Lifeline
Rope Tensioning System) should be used
with the Lifeline 4 cable rope switch.


Similar Part No. - 440A-A17125

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440A-A17101 ALLEN-BRADLEY-440A-A17101 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
440A-A17102 ALLEN-BRADLEY-440A-A17102 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
More results

Similar Description - 440A-A17125

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440E-D13120 ALLEN-BRADLEY-440E-D13120 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
LRTS ALLEN-BRADLEY-LRTS Datasheet
85Kb / 2P
   Cable (Rope) Pull Switches
logo
Schneider Electric
XY2CZ96100 SCHNEIDER-XY2CZ96100 Datasheet
127Kb / 2P
   Telemecanique Emergency stop rope pull switches XY2C, XY2CED mounting kit accessories & cable D=5 mm L=2x50m
Jan 13, 2022
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
   HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
M-606 LITTELFUSE-M-606 Datasheet
277Kb / 1P
   MARINE PUSH PULL SWITCHES
2019 Rev: 021219
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
   ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
logo
Schneider Electric
XY2CE2A270EX SCHNEIDER-XY2CE2A270EX Datasheet
132Kb / 4P
   e-stop rope pull switch XY2CE - LH side -2NC - booted pushbutton
XY2CE1A270EX SCHNEIDER-XY2CE1A270EX Datasheet
122Kb / 4P
   e-stop rope pull switch XY2CE - RH side -2NC - booted pushbutton
logo
Molex Electronics Ltd.
1301250031 MOLEX11-1301250031 Datasheet
35Kb / 1P
   Wire Rope Festoon System Round Cable 6.40m
logo
Schneider Electric
XY2CEDA290EX SCHNEIDER-XY2CEDA290EX Datasheet
154Kb / 5P
   Dual e-stop rope pull switch EX - 2x(1NC 1NO) - boot. pb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com