Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440A-A19007 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440A-A19007
Description  Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440A-A19007 Datasheet(HTML) 1 Page - Allen-Bradley

  440A-A19007 Datasheet HTML 1Page - Allen-Bradley 440A-A19007 Datasheet HTML 2Page - Allen-Bradley 440A-A19007 Datasheet HTML 3Page - Allen-Bradley 440A-A19007 Datasheet HTML 4Page - Allen-Bradley 440A-A19007 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
14-2
Accessories
440A-A07265...440A-A09197
Item
Description
Catalogue Number
Blanking Plug, M20 Conduit
440A-A07265
Cable Grip, M16 Conduit
Accommodates Cable Diameter 4mm (0.16in) to 7mm (0.27in)
440A-A09004
Security Bit
440A-A09015
Screwdriver Including Security Bit
440A-A09018
Cable Grip, Pg16 Conduit
Accommodates Cable Diameter 12mm (0.47in) to 14mm (0.55in)
440A-A09025
Cable Grip, M20 Conduit
Accommodates Cable Diameter 7mm (0.27in) to 10.5mm (0.41in)
440A-A09028
Adaptor, Conduit, M20 to 1/2in NPT, Plastic
440A-A09042
Bulb, 240V for Conduit Pilot Light 0.75W
T-3
¼ Bulb, Miniature Screw Base
440A-A09054
Bulb, 110V for Conduit Pilot Light 2.6W
T-3
¼ Bulb, Miniature Screw Base
440A-A09055
Bulb, 24V for Conduit Pilot Light 2.8W
T-3
¼ Bulb, Miniature Screw Base
440A-A09056
Adaptor, Conduit, 1/2in NPT to M16, Brass
440A-A09093
Adaptor, Conduit, M16 to 1/2in NPT, Brass
440A-A09094
Fuse, 250mA
Bussmann Catalogue Number ETF-250mA
440A-A09196
Fuse, 2A
Bussmann Catalogue Number ETF-2
440A-A09197


Similar Part No. - 440A-A19007

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440A-A19007 ALLEN-BRADLEY-440A-A19007 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
More results

Similar Description - 440A-A19007

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com