Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440G-A07269 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440G-A07269
Description  Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440G-A07269 Datasheet(HTML) 5 Page - Allen-Bradley

  440G-A07269 Datasheet HTML 1Page - Allen-Bradley 440G-A07269 Datasheet HTML 2Page - Allen-Bradley 440G-A07269 Datasheet HTML 3Page - Allen-Bradley 440G-A07269 Datasheet HTML 4Page - Allen-Bradley 440G-A07269 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
14-6
Accessories
440K-A21006...440R-A31562
Description
Approximate Dimensions—mm (inches)
Catalogue Number
Elf/Cadet
90° Actuator
440K-A21006
Elf/Cadet
Flat Actuator
440K-A21014
Elf/Cadet
GD2 Metal
Alignment Guide with
Semi-Flexible Actuator
440K-A21030
Elf/Cadet
Alignment Guide
440K-A21069
TLS-GD2/Trojan/
MT-GD2
Alignment Guide with
Fully-Flexible Actuator
(Discard the Alignment
Guide for GD2)
440K-A27010
Mounting Plate
440K-A33624
Fuse, 500mA
Bussmann Catalogue
Number ETF-500mA
440R-A31562
23 (0.91)
24 (0.94)
2 Slots for
M4 Screws
18.25 (0.72)
3
(0.12)
8.75 (0.34)
7.5 (0.3)
8 (0.31)
3
(0.12)
12
(0.47)
1
(0.04)
12
(0.47)
3
(0.12)
8.5 (0.33)
19 (0.75)
55. 5 (2.19)
40 (1.57)
14
(0.55)
13.5
(0.53)
3
(0.12)
15.5
(0.61)
M5
13
(0.51)
25 (0.98)
19 (0.75)
13.5
(0.53)
3
(0.12)
13
(0.51)
25 (0.98)
18 (0.71)
2 x M3
4 x Ø5.5
(0.22)
19 (0.75)
51
(2.01)
13
(0.51)
35
29
20.7
32.7
52.0 (2.04)
20.7
(0.81)
32.7 (1.29)
31 (1.22)
40 (1.57)
52 (2.04)
6 (0.24)
40 (1.57)
7 (0.28)
81.5 (3.20)


Similar Part No. - 440G-A07269

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-A07269 ALLEN-BRADLEY-440G-A07269 Datasheet
103Kb / 4P
   Guard Locking Switches
More results

Similar Description - 440G-A07269

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com