Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194L-G3667 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 194L-G3667
Description  Bulletin 194E
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194L-G3667 Datasheet(HTML) 1 Page - Allen-Bradley

  194L-G3667 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IEC Load Switches
10-13
Bulletin 194E
25 Amps to 100 Amps
Accessories (continued)
Additional Legend Plates/Frames
Product Selection — Page 10-3
Blank Legend Plate with Bezel
Package Quantity
Catalogue Number
10
194L-A4-000
194L-A6-000
194L-A8-000
194L-I4-000
194L-I6-000
194L-I8-000
0-1 Marked Legend Plates with Bezel
Package Quantity
Catalogue Number
10
194L-A4-175
194L-A6-175
194L-A8-175
194L-I4-175
194L-I6-175
194L-I8-175
OFF-ON Marked Legend Plate w/Bezel
Package Quantity
Catalogue Number
10
194L-A4-175I
194L-A6-175I
194L-A8-175I
194L-I4-175I
194L-I6-175I
194L-I8-175I
Colour
Legend Size
Use with
Legend Marking
Catalogue Number
Gray/Black
19.2 mm x 49 mm
3/4 in. x 1-59/64 in.
Size 6
Type G and N
Style Actuators
194L-HE6G/N
(Blank)
194L-G3515
MAIN SWITCH
194L-G3515A
HAUPTSCHALTER
194L-G3515B
INTERR. PRINCIPALE
194L-G3515C
INTERR. PRINCIPAUX
194L-G3515D
INTERR. PRINCIPAL
194L-G3515E
HUVUDBRYTARE
194L-G3515F
WAHLSCHALTER
194L-G3515G
Red/Yellow
EMERGENCY OFF
194L-G3515H
Gray/Black
18 mm x 84 mm
11/16 in. x 3-5/16 in.
Size 8
Type G and N
Style Actuators
194L-HE8G/N
(Blank)
194L-G3667
MAIN SWITCH
194L-G3667A
HAUPTSCHALTER
194L-G3667B
INTERR. PRINCIPALE
194L-G3667C
INTERR. PRINCIPAUX
194L-G3667D
INTERR. PRINCIPAL
194L-G3667E
HUVUDBRYTARE
194L-G3667F
WAHLSCHALTER
194L-G3667G
Red/Yellow
EMERGENCY OFF
194L-G3667H


Similar Part No. - 194L-G3667

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194L-G3667 ALLEN-BRADLEY-194L-G3667 Datasheet
364Kb / 23P
   Bulletin 194E
194L-G3667A ALLEN-BRADLEY-194L-G3667A Datasheet
364Kb / 23P
   Bulletin 194E
194L-G3667B ALLEN-BRADLEY-194L-G3667B Datasheet
364Kb / 23P
   Bulletin 194E
194L-G3667C ALLEN-BRADLEY-194L-G3667C Datasheet
364Kb / 23P
   Bulletin 194E
194L-G3667D ALLEN-BRADLEY-194L-G3667D Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194L-G3667

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com