Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2033-C0860H-69K Datasheet(PDF) 4 Page - Allen-Bradley

Part # 2033-C0860H-69K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C0860H-69K Datasheet(HTML) 4 Page - Allen-Bradley

  2033-C0860H-69K Datasheet HTML 1Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 2Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 3Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 4Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 5Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 6Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 7Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 8Page - Allen-Bradley 2033-C0860H-69K Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
12-4
Safety Isolation System
ElectroGuard
Non Combination Systems
Product Selection: For North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Catalogue String to the end of the Catalogue Number shown in the
table:
Example: Catalogue Number 2031-A0180A
⊗ becomes Catalogue Number 2031-A0180A⊗-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2031*-A0630J
⊗ becomes Catalogue Number 2031T-A0630J⊗ for a “Top Feed” input power requirement.
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Catalogue Number 2031-!0085J
⊗ becomes Catalogue Number 2031-M0085J⊗ for “600A Line Side Incoming Bus and Outgoing Power Cables”
bussing designation.
Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2031-A0085J
⊗ becomes Catalogue Number 2031-A0085JB for a 480V 60Hz Input Line Voltage application.
➊ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. Consult your local Rockwell Automation sales office for other time settings.
➋ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
Ampere
Rating
(AC-3)
3-Phase Max. Hp Rating (60Hz)
Catalogue Number
200V
230V
460V
575V
Type 1 General
Purpose
Enclosure
Type 12
Dust tight
Enclosure
Type 12 Motor
Control Centre
Type Enclosure
(with bussing)
Type 4
Watertight
Painted Steel
Enclosure
Type 4X
Watertight
Stainless Steel
Enclosure
23
5
7.5
15
15
2031-A0023A
2031-A0023J
2031-!0023J
2031-A0023F
2031-A0023C
43
10
15
30
30
2031-A0043A
2031-A0043J
2031-!0043J
2031-A0043F
2031-A0043C
85
25
30
60
60
2031-A0085A
2031-A0085J
2031-!0085J
2031-A0085F
2031-A0085C
110
40
40
75
100
2031-A0110A
2031-A0110J
2031-!0110J
2031-A0110F
2031-A0110C
180
50
60
150
150
2031-A0180A
2031-A0180J
2031-!0180J
2031-A0180F
2031-A0180C
210
60
75
-
200
2031-A0210A
2031-A0210J
2031-!0210J
2031-A0210F
2031-A0210C
300
100
125
250
300
2031-A0300A
2031-A0300J
2031-!0300J
2031-A0300F
2031-A0300C
420
150
175
350
400
2031-A0420A
2031-A0420J
2031-!0420J
2031-A0420F
2031-A0420C
630
200
250
500
600
2031*-A0630A
2031*-A0630J
2031-!0630J
2031*-A0630F
2031*-A0630C
860
250
300
600
700
2031*-A0860A
2031*-A0860J
2031-!0860J
2031*-A0860F
2031*-A0860C
1200
450
450
900
900
2031*-A1200A
2031*-A1200J
2031-!1200J
2031*-A1200F
2031*-A1200C
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B
Type of Bussing ➋
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
M
1200A Line Side Incoming Bus and Outgoing Power Cables
S
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
F
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
B
Input Line Voltage
208V 60Hz
240V 60Hz
480V 60Hz
600V 60Hz
Voltage Code for Catalogue Number
HA
B
C
+
Power Panel
One or More Remote Lockout Stations
(conduit hub not included)


Similar Part No. - 2033-C0860H-69K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C0860H-69K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com