Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3501EFE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3501EFE
Description  Monolithic Dual Tracking 3A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3501EFE Datasheet(HTML) 3 Page - Linear Technology

  LT3501EFE Datasheet HTML 1Page - Linear Technology LT3501EFE Datasheet HTML 2Page - Linear Technology LT3501EFE Datasheet HTML 3Page - Linear Technology LT3501EFE Datasheet HTML 4Page - Linear Technology LT3501EFE Datasheet HTML 5Page - Linear Technology LT3501EFE Datasheet HTML 6Page - Linear Technology LT3501EFE Datasheet HTML 7Page - Linear Technology LT3501EFE Datasheet HTML 8Page - Linear Technology LT3501EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3501
3
3501fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3501EFE is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3501IFE is guaranteed and tested over the full –40°C to 125°C operating
junction temperature range.
Note 3: Minimum input voltage is defined as the voltage where internal
bias lines are regulated so that the reference voltage and oscillator remain
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Source Current Ch 1/2
VFB1/2 = 0.6V, VVC1/2 = 1V
10
15
25
µA
Error Amplifier Sink Current Ch 1/2
VFB1/2 = 1V, VVC1/2 = 1V
15
20
30
µA
Error Amplifier High Clamp Ch 1/2
VFB1/2 = 0.7V
1.75
2.0
2.25
V
Error Amplifier Switching Threshold Ch 1/2
VOUT1/2 = 5V, RT/SYNC = 133k
0.5
0.7
1.0
V
Soft-Start Source Current Ch 1/2
VFB1/2 = 0.6V, VSS1/2 = 0.4V
2.5
3.25
4
µA
Soft-Start VOH Ch 1/2
VFB1/2 = 0.9V
1.9
2
2.4
V
Soft-Start Sink Current Ch 1/2
VFB1/2 = 0.6V, VSS1/2 = 1V
200
600
1000
µA
Soft-Start VOL Ch 1/2
VFB1/2 = 0V
50
80
125
mV
Soft-Start to Feedback Offset Ch 1/2
VVC1/2 = 1V, VSS1/2 = 0.4V
–16
0
16
mV
Soft-Start Sink Current Ch 1/2 POR
VSS1/2 = 0.4V (Note 4), VVC = 1V
0.5
1.5
2
mA
Soft-Start POR Threshold Ch 1/2
VFB1/2 = 0V (Note 4)
55
80
105
mV
Soft-Start Switching Threshold Ch 1/2
VFB1/2 = 0V
30
50
70
mV
Power Good Leakage Ch 1/2
VFB1/2 = 0.9V, VPG1/2 = 25V, VVIN1/2 = 25V
0
1
µA
Power Good Threshold Ch 1/2
VFB1/2 Rising, PG1/2 = 20k to 5V
87
90
93
%
Power Good Hysteresis Ch 1/2
VFB1/2 Falling, PG1/2 = 20k to 5V
20
30
50
mV
Power Good Sink Current Ch 1/2
VFB1/2 = 0.65V, VPG1/2 = 0.4V
400
800
1200
µA
Power Good Shutdown Sink Current Ch 1/2
VVIN1/2 = 2V, VFB1/2 = 0V, VPG1/2 = 0.4V
10
50
100
µA
RT/SYNC Reference Voltage
VFB1/2 = 0.9V, IRT/SYNC = –40µA
0.93
0.975
1
V
Switching Frequency
RT/SYNC = 133k, VFB1/2 = 0.6V, VBST1/2 = VSW + 3V
RT/SYNC = 15.4k, VFB1/2 = 0.6V, VBST1/2 = VSW + 3V
200
1.2
250
1.5
300
1.8
kHz
MHz
Switching Phase Angle Ch A to Ch B
RT/SYNC = 133k, VFB1/2 = 0.6V, VBST1/2 = VSW + 3V
120
180
210
Deg
Minimum Boost for 100% Duty Cycle Ch 1/2
VFB1/2 = 0.7V, IRT/SYNC = –35µA (Note 5), VOUT = 0V
1.7
2
V
SYNC Frequency Range
VBST1/2 = VSW + 3V
250
1500
kHz
SYNC Switching Phase Angle Ch A to Ch B
SYNC Frequency = 250kHz, VBST1/2 = VSW + 3V
120
180
210
Deg
IND + VOUT Current Ch 1/2
VVOUT1/2 = 0V, VFB1/2 = 0.9V
VVOUT1/2 = 5V
40
70
0
100
1
µA
µA
IND to VOUT Maximum Current Ch 1/2
VVOUT1/2 = 0.5V (Note 6), VFB1/2 = 0.7V, VBST1/2 = 20V
VVOUT1/2 = 5V (Note 6), RT/SYNC = 133k, VBST1/2 = 20V
3.25
3.5
4
4
5
5
A
A
Switch Leakage Current Ch 1/2
VSW1/2 = 0V, VVIN1/2 = 25V
050
µA
Switch Saturation Voltage Ch 1/2
ISW1/2 = 3A, VBST1/2 = 20V, VFB1/2 = 0.7V
250
600
mV
Boost Current Ch 1/2
ISW1/2 = 3A, VBST1/2 = 20V, VFB1/2 = 0.7V
25
60
100
mA
Minimum Boost Voltage Ch 1/2
ISW1/2 = 3A, VBST1/2 = 20V, VFB1/2 = 0.7V
1.4
2.5
V
constant. Actual minimum input voltage to maintain a regulated output
will depend upon output voltage and load current. See Applications
Information.
Note 4: An internal power-on reset (POR) latch is set on the positive
transition of the SHDN pin through its threshold. The output of the latch
activates current sources on each SS pin which typically sink 1.5mA,
discharging the SS capacitor. The latch is reset when both SS pins are
driven below the soft-start POR threshold or the SHDN pin is taken below
its threshold.
Note 5: To enhance dropout operation, the output switch will be turned off
for the minimum off time only when the voltage across the boost capacitor
drops below the minimum boost for 100% duty cycle threshold.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVIN1/2 = 15V, VBST1/2 = open, VRT/SYNC = 2V, VVOUT1/2 = open,
unless otherwise specified.


Similar Part No. - LT3501EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
More results

Similar Description - LT3501EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com