Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3475FE-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3475FE-1
Description  Dual Step-Down l 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475FE-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3475FE-1 Datasheet HTML 5Page - Linear Technology LT3475FE-1 Datasheet HTML 6Page - Linear Technology LT3475FE-1 Datasheet HTML 7Page - Linear Technology LT3475FE-1 Datasheet HTML 8Page - Linear Technology LT3475FE-1 Datasheet HTML 9Page - Linear Technology LT3475FE-1 Datasheet HTML 10Page - Linear Technology LT3475FE-1 Datasheet HTML 11Page - Linear Technology LT3475FE-1 Datasheet HTML 12Page - Linear Technology LT3475FE-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3475/LT3475-1
9
3475fb
Table 1 shows suggested RT selections for a variety of
switching frequencies.
Operating Frequency Selection
The choice of operating frequency is determined by
several factors. There is a tradeoff between efficiency and
component size. A higher switching frequency allows the
use of smaller inductors at the cost of increased switching
losses and decreased efficiency.
Another consideration is the maximum duty cycle. In certain
applications, the converter needs to operate at a high duty
cycle in order to work at the lowest input voltage possible.
The LT3475 has a fixed oscillator off time and a variable
on time. As a result, the maximum duty cycle increases
as the switching frequency is decreased.
Input Voltage Range
The minimum operating voltage is determined either by the
LT3475’s undervoltage lockout of 4V, or by its maximum
duty cycle. The duty cycle is the fraction of time that the
internal switch is on and is determined by the input and
output voltages:
DC =
VOUT + VF
()
VIN –VSW + VF
()
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load). This leads to a minimum input
voltage of:
V
IN MIN
() =
V
OUT + VF
DC
MAX
–V
F + VSW
with DCMAX = 1–tOFF(MIN) • f
where t0FF(MIN) is equal to 167ns and f is the switching
frequency.
Example: f = 600kHz, VOUT = 4V
DC
MAX = 1− 167ns • 600kHz = 0.90
V
IN MIN
() =
4V + 0.4V
0.9
– 0.4V + 0.4V = 4.9V
The maximum operating voltage is determined by the
absolute maximum ratings of the VIN and BOOST pins,
and by the minimum duty cycle.
V
IN MAX
() =
V
OUT + VF
DC
MIN
–V
F + VSW
with DCMIN = tON(MIN) • f
where tON(MIN) is equal to 140ns and f is the switching
frequency.
Example: f = 750kHz, VOUT = 3.4V
DC
MIN = 140ns • 750kHz = 0.105
V
IN MAX
() =
3.4V + 0.4V
0.105
– 0.4V + 0.4V = 36V
The minimum duty cycle depends on the switching fre-
quency. Running at a lower switching frequency might
allow a higher maximum operating voltage. Note that
this is a restriction on the operating input voltage; the
circuit will tolerate transient inputs up to the Absolute
Maximum Ratings of the VIN and BOOST pins. The input
voltage should be limited to the VIN operating range (36V)
during overload conditions (short circuit or start up).
Minimum On Time
The LT3475 will regulate the output current at input volt-
ages greater than VIN(MAX). For example, an application
with an output voltage of 3V and switching frequency of
1.2MHz has a VIN(MAX) of 20V, as shown in Figure 3. Figure
4 shows operation at 35V. Output ripple and peak inductor
VSW
20V/DIV
IL
1A/DIV
VOUT
500mV/DIV
(AC COUPLED)
3475 F03
Figure 3. Operation at VIN(MAX) = 20V.
VOUT = 3V and fSW = 1.2MHHz
APPLICATIONS INFORMATION


Similar Part No. - LT3475FE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3475 LINER-LT3475 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3475 LINEAR_DIMENSIONS-LT3475 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3475 AD-LT3475 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3475 AD-LT3475 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3475FE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com