Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194E-AE315-TN Datasheet(PDF) 5 Page - Allen-Bradley

Part # 194E-AE315-TN
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-AE315-TN Datasheet(HTML) 5 Page - Allen-Bradley

  194E-AE315-TN Datasheet HTML 1Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 2Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 3Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 4Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 5Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 6Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 7Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 8Page - Allen-Bradley 194E-AE315-TN Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IEC Load Switches
10-29
Bulletin 194E
125 Amps to 315 Amps
Specifications
IEC Performance Data for 194E
Valid for line with grounded common neutral termination, over voltage category III, pollution degree 3. Other values on request.
Not suitable for load-switching applications (AC-20A) above 690V.
194E-125
194E-160
194E-250
194-315
Rated insulation voltage Ui: ➊
[V]
1000
1000
1000
1000
Rated impulse withstand voltage Uimp
[kV]
88
88
Test voltage 1 min
[kV]
3.5
3.5
3.5
3.5
Rated voltage Ue ➊➋
[V]
1000
1000
1000
1000
Rated frequency
[Hz]
50/60
50/60
50/60
50/60
Rated thermal current Ith open
[A]
125
160
250
315
Rated thermal current Ithe enclosed
[A]
125
160
250
315
Rated current Ie
AC-1 /
Non inductive or slightly induc. load
[A]
125
160
250
315
AC-21A
Switching of resistive loads with slight
overload
Rated power Pe
AC-23A
Occasional switching of motor and
other highly inductive loads
230V
[kW]
30
30
37
55
400V
[kW]
45
55
90
110
690V
[kW]
37
37
45
45
AC-3
Squirrel-cage motors: starting and
stopping of running motors
230V
[kW]
22
30
37
45
400V
[kW]
37
45
55
75
690V
[kW]
30
37
45
45
Conditional rated short-circuit current
400/415V
[kA]
30
30
30
30
Max. fuse rating of circuit (type g, G)
[A]
125
160
250
315
Rated short-time current Icw 1S
[A]
2500
3000
4600
5800
Rated breaking capacity
230V
[A]
800
900
1600
1800
AC-23A (cos
ϕ 0.45)
400V
[A]
750
850
1380
1650
690V
[A]
340
340
400
400


Similar Part No. - 194E-AE315-TN

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A-P11 ALLEN-BRADLEY-194E-A-P11 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-P22 ALLEN-BRADLEY-194E-A-P22 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-PD10 ALLEN-BRADLEY-194E-A-PD10 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A-PL11 ALLEN-BRADLEY-194E-A-PL11 Datasheet
364Kb / 23P
   Bulletin 194E
194E-A100-1753 ALLEN-BRADLEY-194E-A100-1753 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-AE315-TN

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com